Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1082M Datasheet(PDF) 11 Page - Linear Technology

Part # LT1082M
Description  1A High Voltage, Efficiency Switching Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1082M Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1082M Datasheet HTML 4Page - Linear Technology LT1082M Datasheet HTML 5Page - Linear Technology LT1082M Datasheet HTML 6Page - Linear Technology LT1082M Datasheet HTML 7Page - Linear Technology LT1082M Datasheet HTML 8Page - Linear Technology LT1082M Datasheet HTML 9Page - Linear Technology LT1082M Datasheet HTML 10Page - Linear Technology LT1082M Datasheet HTML 11Page - Linear Technology LT1082M Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1082
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTIO Dimensions in inches (milimeters) unless otherwise noted.
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.0
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
0.290 – 0.320
(7.366 – 8.128)
0.008 – 0.018
(0.203 – 0.460)
0° – 15°
0.385 ± 0.025
(9.779 ± 0.635)
0.005
(0.127)
MIN
0.405
(10.287)
MAX
0.220 – 0.310
(5.588 – 7.874)
12
3
4
87
65
0.025
(0.635)
RAD TYP
0.045 – 0.065
(1.14 – 1.65)
FULL LEAD
OPTION
0.023 – 0.045
(0.58 – 1.14)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
0.014 – 0.026
(0.360 – 0.660)
0.200
(5.080)
MAX
0.015 – 0.060
(0.381 – 1.524)
0.125
3.175
MIN
0.100 ± 0.010
(2.540 ± 0.254)
0.045 – 0.065
(1.14 – 1.65)
0.022 ± 0.005
(0.559 ± 0.127)
0.105 ± 0.008
(2.667 ± 0.203)
0.004
+0.008
–0.004
()
0.102
+0.203
–0.102
0.050 ± 0.012
(1.270 ± 0.305)
0.059
(1.499)
TYP
0.050 ± 0.008
(1.270 ± 0.203)
0.175 ± 0.008
(4.445 ± 0.203)
0.060
(1.524)
0.401 ± 0.015
(10.185 ± 0.381)
15° TYP
0.032 ± 0.008
(0.813 ± 0.203)
0.331
+0.012
–0.020
()
8.407
+0.305
–0.508
0.143
+0.012
–0.020
()
3.632
+0.305
–0.508
0.067 ± 0.010
(1.702 ± 0.254)
J8 Package
8-Lead Ceramic DIP
N8 Package
8-Lead Plastic DIP
Q Package
5-Lead Plastic DD


Similar Part No. - LT1082M

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1082 LINEAR-LT1082 Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
Linear Technology
LT1082 LINER-LT1082 Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1082 LINER-LT1082 Datasheet
189Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
Linear Integrated Syste...
LT1082CN8 LINEAR-LT1082CN8 Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
LT1082CQ LINEAR-LT1082CQ Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
More results

Similar Description - LT1082M

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1082 LINEAR-LT1082_1 Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
Linear Technology
LT1082 LINER-LT1082_15 Datasheet
189Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Sanyo Semicon Device
STK-521 SANYO-STK-521 Datasheet
27Kb / 1P
   1A VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2672M-5.0 TI1-LM2672M-5.0 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com