Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1415 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1415
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415 Datasheet(HTML) 3 Page - Linear Technology

  LTC1415_15 Datasheet HTML 1Page - Linear Technology LTC1415_15 Datasheet HTML 2Page - Linear Technology LTC1415_15 Datasheet HTML 3Page - Linear Technology LTC1415_15 Datasheet HTML 4Page - Linear Technology LTC1415_15 Datasheet HTML 5Page - Linear Technology LTC1415_15 Datasheet HTML 6Page - Linear Technology LTC1415_15 Datasheet HTML 7Page - Linear Technology LTC1415_15 Datasheet HTML 8Page - Linear Technology LTC1415_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1415
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-(Noise + Distortion) Ratio
100kHz Input Signal
72
dB
600kHz Input Signal
69
dB
THD
Total Harmonic Distortion
100kHz Input Signal, First 5 Harmonics
– 80
dB
600kHz Input Signal, First 5 Harmonics
– 72
dB
SFDR
Spurious Free Dynamic Range
600kHz Input Signal
– 75
dB
IMD
Intermodulation Distortion
fIN1 = 29.37kHz, fIN2 = 32.446kHz
– 84
dB
Full-Power Bandwidth
18
MHz
Full-Linear Bandwidth
S/(N + D)
≥ 68dB
1
MHz
(Note 5)
ACCURACY
IC
DY A
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
2.480
2.500
2.520
V
VREF Output Tempco
IOUT = 0
±15
ppm/
°C
VREF Line Regulation
4.75V
≤ VDD ≤ 5.25V
0.01
LSB/V
VREF Output Resistance
IOUT≤ 0.1mA
2
k
REFCOMP Output Voltage
IOUT = 0
4.096
V
DIGITAL I PUTS A D DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 4.75V
IO = – 10µA
4.5
V
IO = – 200µA
q
4.0
V
VOL
Low Level Output Voltage
VDD = 4.75V
IO = 160µA
0.05
V
IO = 1.6mA
q
0.10
0.4
V
IOZ
Hi-Z Output Leakage D11 to D0
VOUT = 0V to VDD, CS High
q
±10
µA
COZ
Hi-Z Output Capacitance D11 to D0
CS High (Note 9 )
q
15
pF
ISOURCE
Output Source Current
VOUT = 0V
– 10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
POWER REQUIRE E TS (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
(Notes 10, 11)
4.75
5.25
V
IDD
Supply Current
CS High
q
11
20
mA
Nap Mode
SHDN = 0V, NAP/SLP = 5V (Note 12)
q
1.5
2.3
mA
Sleep Mode
SHDN = 0V, NAP/SLP = 0V (Note 12)
1.0
µA
PD
Power Dissipation
CS High
55
100
mW
Nap Mode
SHDN = 0V, NAP/SLP = 5V
7.5
12
mW
Sleep Mode
SHDN = 0V, NAP/SLP = 0V
0.01
mW
(Note 5)
(Note 5)
I TER AL REFERE CE CHARACTERISTICS


Similar Part No. - LTC1415_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1415C LINER-LTC1415C Datasheet
481Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
LTC1415CG LINER-LTC1415CG Datasheet
481Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
LTC1415CSW LINER-LTC1415CSW Datasheet
481Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
LTC1415I LINER-LTC1415I Datasheet
481Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
LTC1415IG LINER-LTC1415IG Datasheet
481Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
More results

Similar Description - LTC1415_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1415 LINER-LTC1415 Datasheet
481Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410_15 Datasheet
163Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com