Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLZ39Q-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DFLZ39Q-7
Description  1.0W SURFACE MOUNT POWER ZENER DIODE POWERDI짰123
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLZ39Q-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DFLZ39Q-7 Datasheet HTML 1Page - Diodes Incorporated DFLZ39Q-7 Datasheet HTML 2Page - Diodes Incorporated DFLZ39Q-7 Datasheet HTML 3Page - Diodes Incorporated DFLZ39Q-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DFLZ5V1Q - DFLZ39Q
Document number: DS36898 Rev. 1 - 2
3 of 4
www.diodes.com
February 2014
© Diodes Incorporated
DFLZ5V1Q - DFLZ39Q
POWERDI is a registered trademark of Diodes Incorporated.
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
0
0.2
0.4
0.6
0.8
1.0
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Figure 1 Power Derating Curve
A
°
1.2
Note 5
0.000001
0.00001
0.001
1
0.5
0.6
0.9
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 2 Typical Forward Characteristics
F
0.7
0.8
0.0001
0.01
0.1
100
1,000
10,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Figure 3 Typical Total Capacitance vs. Nominal Zener Voltage
Z
f = 1MHz
T = 25°C
A
V = 1V
R
V = 2V
R
POWERDI
®123
Dim Min Max Typ
A
3.50 3.90 3.70
B
2.60 3.00 2.80
C
1.63 1.93 1.78
D
0.93 1.00 0.98
E
0.85 1.25 1.00
H
0.15 0.25 0.20
L
0.40 0.50 0.45
L1
-
-
1.35
L2
-
-
1.10
L3
-
-
0.20
All Dimensions in mm
A
E
L
L1
B
C
E
L2
H
D
L3
E


Similar Part No. - DFLZ39Q-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLZ39Q DIODES-DFLZ39Q Datasheet
375Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
More results

Similar Description - DFLZ39Q-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLZXXQ DIODES-DFLZXXQ_15 Datasheet
207Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DFLZ5V1 DIODES-DFLZ5V1 Datasheet
188Kb / 3P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 4 - 2
DFLZ5V1 DIODES-DFLZ5V1_09 Datasheet
75Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 8 - 2
DFLZ5V1Q DIODES-DFLZ5V1Q_1 Datasheet
375Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com