Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1414 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1414
Description  14-Bit, 2.2Msps, Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1414 Datasheet(HTML) 4 Page - Linear Technology

  LTC1414_15 Datasheet HTML 1Page - Linear Technology LTC1414_15 Datasheet HTML 2Page - Linear Technology LTC1414_15 Datasheet HTML 3Page - Linear Technology LTC1414_15 Datasheet HTML 4Page - Linear Technology LTC1414_15 Datasheet HTML 5Page - Linear Technology LTC1414_15 Datasheet HTML 6Page - Linear Technology LTC1414_15 Datasheet HTML 7Page - Linear Technology LTC1414_15 Datasheet HTML 8Page - Linear Technology LTC1414_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1414
TI I G CHARACTERISTICS (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency
q
2.2
MHz
tCONV
Conversion Time
q
220
330
400
ns
tACQ
Acquisition Time
q
40
100
ns
tTHROUGHPUT
Throughput Time (Acquisition + Conversion)
q
370
454
ns
t1
CONVST to BUSY Delay
CL = 25pF
10
ns
t2
Data Ready Before BUSY
±20
ns
t3
Delay Between Conversions
(Note 9)
q
100
ns
t4
CONVST Low Time
(Note 10)
q
40
ns
t5
CONVST High Time
(Note 10)
q
40
ns
t6
Aperture Delay of Sample-and-Hold
– 1
ns
The q denotes specifications which apply over the full operating
temperature range; all other limits and typicals TA = 25°C.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with DGND and
AGND wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below VSS or above VDD, they
will be clamped by internal diodes. This product can handle input currents
greater than 100mA below VSS or above VDD without latchup.
Note 4: When these pin voltages are taken below VSS, they will be clamped
by internal diodes. This product can handle input currents greater than
100mA below VSS without latchup. These pins are not clamped to VDD.
Note 5: VDD = 5V, VSS = – 5V, fSAMPLE = 2.2MHz and tr = tf = 5ns unless
otherwise specified.
Note 6: Linearity, offset and full-scale specifications apply for a single-
ended AIN+ input with AIN– grounded.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Bipolar offset is the offset voltage measured from – 0.5LSB
when the output code flickers between 0000 0000 0000 00 and
1111 1111 1111 11.
Note 9: Recommended operating conditions.
Note 10: The falling CONVST edge starts a conversion. If CONVST returns
high at a critical point during the conversion it can create small errors. For
best results ensure that CONVST returns high either within 225ns after the
start of the conversion or after BUSY rises.
TYPICAL PERFOR A CE CHARACTERISTICS
Signal-to-Noise Ratio vs Input
Frequency
INPUT FREQUENCY (Hz)
10k
90
80
70
60
50
40
30
20
10
0
100k
1M
10M
1414 G02
INPUT FREQUENCY (Hz)
10k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
1414 G03
2nd
THD
3rd
INPUT FREQUENCY (Hz)
10k
100k
1M
10M
1414 TA02
1k
14
13
12
11
10
9
8
7
6
5
4
3
2
86
80
74
68
fSAMPLE = 2.2MHz
S/(N + D) vs Input Frequency
Distortion vs Input Frequency


Similar Part No. - LTC1414_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1414CGN LINER-LTC1414CGN Datasheet
353Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
More results

Similar Description - LTC1414_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1414 LINER-LTC1414 Datasheet
353Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1402 MURATA-PS-ADSD-1402 Datasheet
170Kb / 5P
   Dual, 14-Bit, 2MSPS Sampling A/D Converter
logo
Delta Electronics, Inc.
ADSD1420S DELTA-ADSD1420S Datasheet
346Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1410S MURATA-PS-ADSD-1410S Datasheet
170Kb / 5P
   Dual 14-Bit, 10MSPS Sampling A/D Converter
logo
C&D Technologies
ADSD-1410S CANDD-ADSD-1410S Datasheet
134Kb / 5P
   Dual 14-Bit, 10MSPS Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1420S MURATA-PS-ADSD-1420S Datasheet
117Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
ADSD-1402S MURATA-PS-ADSD-1402S Datasheet
170Kb / 5P
   Dual, 14-Bit, 2MSPS Sampling A/D Converter
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
   14 Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Murata Power Solutions ...
ADSQ-1410 MURATA-PS-ADSQ-1410 Datasheet
388Kb / 11P
   Quad 14-Bit, 10 MSPS Sampling A/D Converter
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com