Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1408 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1408
Description  6 Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1408 Datasheet(HTML) 3 Page - Linear Technology

  LTC1408_15 Datasheet HTML 1Page - Linear Technology LTC1408_15 Datasheet HTML 2Page - Linear Technology LTC1408_15 Datasheet HTML 3Page - Linear Technology LTC1408_15 Datasheet HTML 4Page - Linear Technology LTC1408_15 Datasheet HTML 5Page - Linear Technology LTC1408_15 Datasheet HTML 6Page - Linear Technology LTC1408_15 Datasheet HTML 7Page - Linear Technology LTC1408_15 Datasheet HTML 8Page - Linear Technology LTC1408_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1408
1408fa
I TER AL REFERE CE CHARACTERISTICS
The
denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. With internal reference, VDD = 3V, VDD = VCC = 3V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-Noise Plus
100kHz Input Signal
73
76
dB
Distortion Ratio
300kHz Input Signal
76
dB
100kHz Input Signal, External VREF = 3.3V, VDD ≥ 3.3V
79
dB
300kHz Input Signal, External VREF = 3.3V, VDD ≥ 3.3V
79
dB
THD
Total Harmonic
100kHz First 5 Harmonics
–80
–90
dB
Distortion
300kHz First 5 Harmonics
–86
dB
SFDR
Spurious Free
100kHz Input Signal
90
dB
Dynamic Range
300kHz Input Signal
86
dB
IMD
Intermodulation
0.625VP-P, 833kHz into CH0+, 0.625VP-P, 841kHz into CH0–.
–80
dB
Distortion
Bipolar Mode. Also Applicable to Other Channels
Code-to-Code
VREF = 2.5V (Note 17)
0.7
LSBRMS
Transition Noise
Full Power Bandwidth
VIN = 2.5VP-P, SDO = 11585LSBP-P (–3dBFS) (Note 15)
50
MHz
Full Linear Bandwidth
S/(N + D)
≥ 68dB, Bipolar Differential Input
5
MHz
TA = 25°C. VDD = VCC = 3V.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
2.5
V
VREF Output Tempco
15
ppm/
°C
VREF Line Regulation
VDD = 2.7V to 3.6V, VREF = 2.5V
600
µV/V
VREF Output Resistance
Load Current = 0.5mA
0.2
VREF Settling Time
2ms
The
denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VDD = VCC = 3V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 3.3V
2.4
V
VIL
Low Level Input Voltage
VDD = 2.7V
0.6
V
IIN
Digital Input Current
VIN = 0V to VDD
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 3V, IOUT = – 200µA
2.5
2.9
V
VOL
Low Level Output Voltage
VDD = 2.7V, IOUT = 160µA
0.05
V
VDD = 2.7V, IOUT = 1.6mA
0.4
V
IOZ
Hi-Z Output Leakage DOUT
VOUT = 0V and VDD
±10
µA
COZ
Hi-Z Output Capacitance DOUT
1pF
ISOURCE
Output Short-Circuit Source Current
VOUT = 0V, VDD = 3V
20
mA
ISINK
Output Short-Circuit Sink Current
VOUT = VDD = 3V
15
mA
DY A IC ACCURACY
DIGITAL I PUTS A D DIGITAL OUTPUTS


Similar Part No. - LTC1408_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12 Datasheet
275Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
More results

Similar Description - LTC1408_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408-12 LINER-LTC1408-12 Datasheet
275Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14_15 Datasheet
244Kb / 20P
   6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
LTC2351-12 LINER-LTC2351-12 Datasheet
278Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-3 AD-AD7865ASZ-3 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com