Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1404 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1404
Description  Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1404 Datasheet(HTML) 2 Page - Linear Technology

  LTC1404_15 Datasheet HTML 1Page - Linear Technology LTC1404_15 Datasheet HTML 2Page - Linear Technology LTC1404_15 Datasheet HTML 3Page - Linear Technology LTC1404_15 Datasheet HTML 4Page - Linear Technology LTC1404_15 Datasheet HTML 5Page - Linear Technology LTC1404_15 Datasheet HTML 6Page - Linear Technology LTC1404_15 Datasheet HTML 7Page - Linear Technology LTC1404_15 Datasheet HTML 8Page - Linear Technology LTC1404_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1404
1404fa
The
denotes specifications which apply over the full operating temperature range, unless otherwise
noted specifications are at TA = 25°C. VCC = 5V, fSAMPLE = 600kHz, tr = tf = 5ns, unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2)
Supply Voltage (VCC) ................................................. 7V
Negative Supply Voltage (VSS) ................... – 6V to GND
Total Supply Voltage (VCC to VSS)
Bipolar Operation Only ........................................ 12V
Analog Input Voltage (Note 3)
Unipolar Operation .................. – 0.3V to (VCC + 0.3V)
Bipolar Operation........... (VSS – 0.3V) to (VCC + 0.3V)
Digital Input Voltage (Note 4)
Unipolar Operation ................................– 0.3V to 12V
Bipolar Operation.........................(VSS – 0.3V) to 12V
Digital Output Voltage
Unipolar Operation .................. – 0.3V to (VCC + 0.3V)
Bipolar Operation........... (VSS – 0.3V) to (VCC + 0.3V)
Power Dissipation .............................................. 300mW
Operating Ambient Temperature Range
LTC1404C ............................................... 0
°C to 70°C
LTC1404I ............................................ – 40
°C to 85°C
Junction Temperature .......................................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Positive Supply Voltage
Unipolar
4.75
5.25
V
Bipolar
4.75
5.25
V
VSS
Negative Supply Voltage
Bipolar Only
– 2.45
– 5.25
V
ICC
Positive Supply Current
fSAMPLE = 600ksps
15
30
mA
Nap Mode
1.3
3.0
mA
Sleep Mode
8.0
20.0
µA
ISS
Negative Supply Current
fSAMPLE = 600ksps, VSS = – 5V
0.2
0.6
mA
Nap Mode
0.2
0.5
mA
Sleep Mode
410
µA
PD
Power Dissipation
fSAMPLE = 600ksps
75
160
mW
Nap Mode
7.5
20
mW
Sleep Mode
60
150
µW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range
4.75V
≤ VCC ≤ 5.25V (Unipolar)
0 to 4.096
V
4.75V
≤ VCC ≤ 5.25V, –5.25V ≤ VSS ≤ –2.45V (Bipolar)
0 to
±2.048
V
IIN
Analog Input Leakage Current
During Conversions (Hold Mode)
±1
µA
CIN
Analog Input Capacitance
Between Conversions (Sample Mode)
45
pF
During Conversions (Hold Mode)
5
pF
PUT
I
A
A
LOG
POWER REQUIRE E TS
TOP VIEW
VCC
AIN
VREF
GND
VSS
CONV
CLK
DOUT
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 125°C, θJA = 130°C/W
ORDER PART NUMBER
S8 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC1404CS8
LTC1404IS8
1404
1404I
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
The
denotes specifications which apply over the full operating temperature range,
unless otherwise noted specifications are at TA = 25°C. VCC = 5V, fSAMPLE = 600kHz, tr = tf = 5ns, unless otherwise specified.


Similar Part No. - LTC1404_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1404C LINER-LTC1404C Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1404CS8 LINER-LTC1404CS8 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1404I LINER-LTC1404I Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1404IS8 LINER-LTC1404IS8 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
More results

Similar Description - LTC1404_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1408-12 LINER-LTC1408-12 Datasheet
275Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com