Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1291 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1291
Description  Single Chip 12-Bit Data Acquisition System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1291 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1291_15 Datasheet HTML 3Page - Linear Technology LTC1291_15 Datasheet HTML 4Page - Linear Technology LTC1291_15 Datasheet HTML 5Page - Linear Technology LTC1291_15 Datasheet HTML 6Page - Linear Technology LTC1291_15 Datasheet HTML 7Page - Linear Technology LTC1291_15 Datasheet HTML 8Page - Linear Technology LTC1291_15 Datasheet HTML 9Page - Linear Technology LTC1291_15 Datasheet HTML 10Page - Linear Technology LTC1291_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1291
1291fa
TEST CIRCUITS
Voltage Waveforms for DOUT Rise and Fall Times, tr, tf
Voltage Waveforms for DOUT Delay Time, tdDO
CLK
DOUT
0.8V
tdDO
0.4V
2.4V
1291 TC03
DOUT
0.4V
2.4V
tr
tf
1291 TC04
Voltage Waveforms for ten
DOUT
CS
START
0.8V
ten
B11
1291 TC07
1
2
34
5
DIN
CLK
S
APPLICATI
I FOR ATIO
being transmitted on the falling CLK edge and captured on
the rising CLK edge in both transmitting and receiving
systems.
The LTC1291 is a data acquisition component which
contains the following functional blocks:
1. 12-bit successive approximation capacitive A/D
converter
2. Analog multiplexer (MUX)
3. Sample-and-hold (S/H)
4. Synchronous, half duplex serial interface
5. Control and timing logic
DIGITAL CONSIDERATIONS
Serial Interface
The LTC1291 communicates with microprocessors and
other external circuitry via a synchronous, half duplex,
4-wire serial interface (see Operating Sequence). The
clock (CLK) synchronizes the data transfer with each bit
Figure 1
The input data is first received and then the A/D conversion
result is transmitted (half duplex). Because of the half
duplex operation DIN and DOUT may be tied together
allowing transmission over just 3 wires: CS, CLK and
CS
DOUT 1
DIN 1
SHIFT MUX
ADDRESS IN
1 NULL
BIT
SHIFT A/D CONVERSION
RESULT OUT
1291 F01
DIN 2
DOUT 2


Similar Part No. - LTC1291_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1291_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com