Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1054LCS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1054LCS8
Description  Switched-Capacitor Voltage Converter with Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1054LCS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1054LCS8 Datasheet HTML 6Page - Linear Technology LT1054LCS8 Datasheet HTML 7Page - Linear Technology LT1054LCS8 Datasheet HTML 8Page - Linear Technology LT1054LCS8 Datasheet HTML 9Page - Linear Technology LT1054LCS8 Datasheet HTML 10Page - Linear Technology LT1054LCS8 Datasheet HTML 11Page - Linear Technology LT1054LCS8 Datasheet HTML 12Page - Linear Technology LT1054LCS8 Datasheet HTML 13Page - Linear Technology LT1054LCS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1054/LT1054L
TYPICAL APPLICATIONS N
Basic Voltage Inverter
Positive Doubler
Negative Voltage Doubler
100mA Regulating Negative Doubler
1N4002
HP5082-2810
VIN
3.5 TO 15V
20k
1N4002
0.002
µF
LT1054 • TAO6
2.2
µF
R1
40k
VOUT
SET
PIN 2
LT1054 #1
–VOUT
IOUT ≅ 100mA MAX
R2
500k
1N4002
1N4002
1N4002
, REFER TO FIGURE 5
VIN = 3.5 TO 15V
VOUT MAX ≈ –2VIN + [1054 VOLTAGE LOSS + 2(VDIODE)]
R2
R1
==
+ 1
|VOUT|
)
)
VREF
2
– 40mV
)
) +1
|VOUT|
1.21V
10
µF10µF
100
µF
+
+
10
µF
+
10
µF
10
µF
+
+
10
µF
LT1054 #1
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT
LT1054 #2
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT
Basic Voltage Inverter/Regulator
0.002
µF
R2
10
µF
100
µF
REFER TO FIGURE 5
2
µF
VOUT
LT1054 • TA03
VIN
R1
R2
R1
==
+ 1
|VOUT|
)
)
VREF
2
– 40mV
)
) +1,
|VOUT|
1.21V
LT1054
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT
+
100
µF
VIN
–VOUT
LT1054 • TAO2
LT1054
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT
2
µF
100
µF
+
+
2
µF
100
µF
VIN = –3.5V TO –15V
VOUT = 2VIN + (LT1054 VOLTAGE LOSS) + (QX SATURATION VOLTAGE)
*SEE FIGURE 3
VIN
VIN
VOUT
LT1054 • TAO4
RX*
+
100
µF
+
+
LT1054
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT
QX*
1N4001
VIN = 3.5V TO 15V
VOUT ≈ 2VIN – (VL + 2VDIODE)
VL = LT1054 VOLTAGE LOSS
VIN
3.5V TO 15V
LT1054 • TAO5
1N4001
VOUT
50mA
+
100
µF
2
µF
10
µF
+
+
+
LT1054
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT


Similar Part No. - LT1054LCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054LCS8 LINER-LT1054LCS8 Datasheet
228Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
More results

Similar Description - LT1054LCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054L LINER-LT1054L_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054L LINER-LT1054L Datasheet
228Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK75018 TOKO-TK75018 Datasheet
91Kb / 8P
   SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
Linear Technology
LT1054IS8PBF LINER-LT1054IS8PBF Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_10 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
   CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com