Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX5316Q Datasheet(PDF) 5 Page - Diodes Incorporated

Part # BCX5316Q
Description  80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX5316Q Datasheet(HTML) 5 Page - Diodes Incorporated

  BCX5316Q_15 Datasheet HTML 1Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 2Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 3Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 4Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 5Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 6Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BCX5316Q
Datasheet Number: DS37033 Rev. 2 - 2
5 of 7
www.diodes.com
May 2015
© Diodes Incorporated
BCX5316Q
0
0.2
0.4
0.6
0.8
1.0
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT(A)
C
Fig 3 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -2V
CE
0
0.1
0.2
0.3
0.4
0.5
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 5 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I / I = 10
CB
0
50
100
150
200
250
300
0
20
40
60
80
100
-I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Gain-Bandwidth Product vs. Collector Current
V
= -5V
CE
f = 100MHz
0
20
40
60
80
100
120
140
160
0
10
20
30
40
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
Cobo
Cibo
f = 1MHz


Similar Part No. - BCX5316Q_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCX5316QTA DIODES-BCX5316QTA Datasheet
316Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR
BCX5316QTC DIODES-BCX5316QTC Datasheet
316Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR
More results

Similar Description - BCX5316Q_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSR33 DIODES-BSR33_15 Datasheet
294Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT89
BSR33 DIODES-BSR33 Datasheet
293Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT89
November 2013 Rev. 5 - 2
BSR43 DIODES-BSR43_15 Datasheet
287Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT89
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
   40V PNP medium power transistor in SOT89
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
   100V PNP medium power transistor in SOT89
2DB1386Q DIODES-2DB1386Q_15 Datasheet
267Kb / 6P
   20V PNP MEDIUM POWER TRANSISTOR IN SOT89
FCX591 DIODES-FCX591_15 Datasheet
437Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT89
FCX593 DIODES-FCX593_15 Datasheet
453Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT89
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
BCX5616Q DIODES-BCX5616Q_15 Datasheet
505Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com