Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1054MJ8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1054MJ8
Description  Switched-Capacitor Voltage Converter with Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1054MJ8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1054MJ8 Datasheet HTML 2Page - Linear Technology LT1054MJ8 Datasheet HTML 3Page - Linear Technology LT1054MJ8 Datasheet HTML 4Page - Linear Technology LT1054MJ8 Datasheet HTML 5Page - Linear Technology LT1054MJ8 Datasheet HTML 6Page - Linear Technology LT1054MJ8 Datasheet HTML 7Page - Linear Technology LT1054MJ8 Datasheet HTML 8Page - Linear Technology LT1054MJ8 Datasheet HTML 9Page - Linear Technology LT1054MJ8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1054/LT1054L
PIN FUNCTIONS
from being pulled above the ground pin (Pin 3) during
start-up. Any small, general purpose transistor such as
2N2222 or 2N2219 can be used. RX should be chosen to
provide enough base drive to the external transistor so that
it is saturated under nominal output voltage and maximum
output current conditions. In some cases an N-channel
enhancement mode MOSFET can be used in place of the
transistor.
RX
(
|VOUT|)
β
IOUT
+
LOAD
CIN
COUT
LT1054 • F01
IL
V+
RX
LT1054
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT
IQ
IOUT
+
VREF (Pin 6): Reference Output. This pin provides a 2.5V
reference point for use in LT1054-based regulator circuits.
The temperature coefficient of the reference voltage has
been adjusted so that the temperature coefficient of the
regulated output voltage is close to zero. This requires the
reference output to have a positive temperature coefficient
as can be seen in the typical performance curves. This
nonzero drift is necessary to offset a drift term inherent in
the internal reference divider and comparator network tied
to the feedback pin. The overall result of these drift terms
is a regulated output which has a slight positive tempera-
ture coefficient at output voltages below 5V and a slight
negative TC at output voltages above 5V. Reference output
current should be limited, for regulator feedback networks,
to approximately 60
µA. The reference pin will draw
≈100µA when shorted to ground and will not affect the
internal reference/regulator, so that this pin can also be
used as a pull-up for LT1054 circuits that require synchro-
nization.
OSC (Pin 7): Oscillator Pin. This pin can be used to raise or
lower the oscillator frequency or to synchronize the device
to an external clock. Internally Pin 7 is connected to the
oscillator timing capacitor (Ct ≈ 150pF) which is alternately
charged and discharged by current sources of
±7µAsothat
the duty cycle is
≈50%. The LT1054 oscillator is designed
to run in the frequency band where switching losses are
minimized. However the frequency can be raised, lowered,
or synchronized to an external system clock if necessary.
The frequency can be lowered by adding an external
capacitor (C1, Figure 2) from Pin 7 to ground. This will
increase the charge and discharge times which lowers the
oscillator frequency. The frequency can be increased by
adding an external capacitor (C2, Figure 2, in the range of
5pF to 20pF) from Pin 2 to Pin 7. This capacitor will couple
charge into CT at the switch transitions, which will shorten
the charge and discharge time, raising the oscillator fre-
quency. Synchronization can be accomplished by adding
an external resistive pull-up from Pin 7 to the reference pin
(Pin 6). A 20k pull-up is recommended. An open collector
gate or an NPN transistor can then be used to drive the
oscillator pin at the external clock frequency as shown in
Figure 2. Pulling up Pin 7 to an external voltage is
not recommended. For circuits that require both fre-
quency synchronization and regulation, an external refer-
ence can be used as the reference point for the top of the
R1/R2 divider allowing Pin 6 to be used as a pull-up point
for Pin 7.
Figure 1
V + (Pin 8): Input Supply. The LT1054 alternately charges
CIN to the input voltage when CIN is switched in parallel with
the input supply and then transfers charge to COUT when
CIN is switched in parallel with COUT. Switching occurs at
VIN
COUT
CIN
C2
C1
LT1054 • F02
LT1054
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT
+
Figure 2


Similar Part No. - LT1054MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054MJ8 LINER-LT1054MJ8 Datasheet
228Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054MJ8 LINER-LT1054MJ8 Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054MJ8-PBF LINER-LT1054MJ8-PBF Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054MJ8-TRPBF LINER-LT1054MJ8-TRPBF Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
More results

Similar Description - LT1054MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054L LINER-LT1054L_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054L LINER-LT1054L Datasheet
228Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK75018 TOKO-TK75018 Datasheet
91Kb / 8P
   SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
Linear Technology
LT1054IS8PBF LINER-LT1054IS8PBF Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_10 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
   CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com