Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BC807
Description  45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC807 Datasheet(HTML) 4 Page - Diodes Incorporated

  BC807_15 Datasheet HTML 1Page - Diodes Incorporated BC807_15 Datasheet HTML 2Page - Diodes Incorporated BC807_15 Datasheet HTML 3Page - Diodes Incorporated BC807_15 Datasheet HTML 4Page - Diodes Incorporated BC807_15 Datasheet HTML 5Page - Diodes Incorporated BC807_15 Datasheet HTML 6Page - Diodes Incorporated BC807_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BC807-16/-25/-40
Document Number: DS11208 Rev. 19 - 2
4 of 7
www.diodes.com
October 2013
© Diodes Incorporated
BC807-16/-25/-40
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
V
IC = -100µA
Collector-Emitter Breakdown Voltage
BVCEO
-45
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-5
V
IC = -100µA
Collector-Emitter Cutoff Current
ICES
-100
-5.0
nA
µA
VCE = -45V
VCE = -25V, TJ = +150°C
Emitter-Base Cutoff Current
IEBO
-100
nA
VEB = -5.0V
DC Current Gain (Note 10)
BC807-16
BC807-25
BC807-40
hFE
100
160
250
250
400
600
VCE = -1.0V, IC = -100mA
BC807-16
BC807-25
BC807-40
60
100
170
VCE = -1.0V, IC = -300mA
Collector-Emitter Saturation Voltage (Note 10)
VCE(SAT)
-0.7
V
IC = -500mA, IB = -50mA
Base-Emitter Voltage (Note 10)
VBE
-1.2
V
VCE = -1.0V, IC = -300mA
Gain Bandwidth Product
fT
100
MHz
VCE = -5.0V, IC = -10mA,
f = 50MHz
Collector-Base Capacitance
CCBO
12
pF
VCB = -10V, f = 1.0MHz
Note:
10. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%


Similar Part No. - BC807_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BC807 KEXIN-BC807_15 Datasheet
1Mb / 2P
   PNP Transistors
logo
SeCoS Halbleitertechnol...
BC807 SECOS-BC807_15 Datasheet
413Kb / 2P
   PNP Plastic Encapsulate Transistor
logo
Diotec Semiconductor
BC807 DIOTEC-BC807_15 Datasheet
109Kb / 2P
   Surface Mount General Purpose
More results

Similar Description - BC807_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
AC817-40Q DIODES-AC817-40Q Datasheet
431Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
August 2017 Rev. 1 - 2
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com