Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54W Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54W
Description  200mW Surface Mount Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54W Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT54W_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54W_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54W_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54W_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT54W_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1404009
Small Signal Product
RATINGS AND CHARACTERISTICS CURVES
BAT54W/AW/CW/SW
Taiwan Semiconductor
Version: C14
0
2
4
6
8
10
12
0
5
10
15
20
25
30
VR, REVERSE VOLTAGE (V)
Fig. 3 Typical Capacitance v.s. VR
f=1.0MHz
0
50
100
150
200
250
300
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE(℃)
Fig. 4 Power Derating Curve
0.0001
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
VF, INSTANTANEOUS FORWARD VOLTAGE(V)
125℃
75℃
25℃
0℃
T
A=-40℃
Fig. 1 Typical Forward Characteristics
0.001
0.01
0.1
1
10
100
0
5
10
15
20
25
30
V
R, INSTANTANEOUS REVERSE VOLTAGE (V)
T
A= 0 ℃
25℃
125℃
75℃
Fig. 2 Typical Reverse Characteristics


Similar Part No. - BAT54W_14

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BAT54W BILIN-BAT54W_14 Datasheet
189Kb / 4P
   Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT54W_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_08 Datasheet
162Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX Datasheet
175Kb / 2P
   Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT54T-G TSC-BAT54T-G Datasheet
393Kb / 4P
   200mW Surface Mount Schottky Barrier Diode
BAT54T TSC-BAT54T_14 Datasheet
155Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAS70 LUGUANG-BAS70 Datasheet
159Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
BAT54 LUGUANG-BAT54 Datasheet
187Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX_13 Datasheet
206Kb / 2P
   Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT43W TSC-BAT43W Datasheet
162Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Shanghai Shunye Electro...
RB521S-30 SHUNYE-RB521S-30 Datasheet
355Kb / 3P
   200mW SOD-523 SURFACE MOUNT Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
   200mW SCHOTTKY BARRIER Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com