Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1148 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1148
Description  High Efficiency Synchronous Step-Down Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1148 Datasheet(HTML) 1 Page - Linear Technology

  LTC1148_15 Datasheet HTML 1Page - Linear Technology LTC1148_15 Datasheet HTML 2Page - Linear Technology LTC1148_15 Datasheet HTML 3Page - Linear Technology LTC1148_15 Datasheet HTML 4Page - Linear Technology LTC1148_15 Datasheet HTML 5Page - Linear Technology LTC1148_15 Datasheet HTML 6Page - Linear Technology LTC1148_15 Datasheet HTML 7Page - Linear Technology LTC1148_15 Datasheet HTML 8Page - Linear Technology LTC1148_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1148
LTC1148-3.3/LTC1148-5
114835fd
High Efficiency Synchronous
Step-Down Switching Regulators
LOAD CURRENT (A)
0.02
80
85
90
100
0.2
2
LTC1148 • TA01
95
VIN = 6V
VIN = 10V
LTC1148-5 Efficiency
Ultrahigh Efficiency: Over 95% Possible
Current-Mode Operation for Excellent Line and Load
Transient Response
High Efficiency Maintained Over Three Decades of
Output Current
Low 160µA Standby Current at Light Loads
Logic Controlled Micropower Shutdown: IQ < 20µA
Wide VIN Range: 3.5V* to 20V
Short-Circuit Protection
Very Low Dropout Operation: 100% Duty Cycle
Synchronous FET Switching for High Efficiency
Adaptive Nonoverlap Gate Drives
Output Can Be Externally Held High in Shutdown
Available in 14-Pin Narrow SO Package
The LTC
®1148 series is a family of synchronous step-
down switching regulator controllers featuring automatic
Burst Mode
TM operation to maintain high efficiencies at
low output currents. These devices drive external comple-
mentary power MOSFETs at switching frequencies up to
250kHz using a constant off-time current-mode architec-
ture providing constant ripple current in the inductor.
The operating current level is user-programmable via an
external current sense resistor. Wide input supply range
allows operation from 3.5V* to 18V (20V maximum).
Constant off-time architecture provides low dropout regu-
lation limited by only the RDS(ON) of the external MOSFET
and resistance of the inductor and current sense resistor.
The LTC1148 series combines synchronous switching for
maximum efficiency at high currents with an automatic low
current operating mode, called Burst Modeoperation, which
reduces switching losses. Standby power is reduced to only
2mW at VIN = 10V (at IOUT = 0). Load currents in Burst Mode
operation are typically 0mA to 300mA.
For operation up to 48V input, see the LTC1149 and
LTC1159 data sheets and Application Note 54.
Figure 1. High Efficiency Step-Down Converter
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
* LTC1148L and LTC1148L-3.3 only.
Protected by U.S. Patents, including 6580258, 5481178.
Notebook and Palmtop Computers
Portable Instruments
Battery-Operated Digital Devices
Cellular Telephones
DC Power Distribution Systems
GPS Systems
0V = NORMAL
>1.5V = SHUTDOWN
P-CHANNEL
Si4431DY
+
1µF
L*
62µH
RSENSE**
0.05Ω
VOUT
5V/2A
+
CIN
100µF
VIN (5.2V TO 18V)
ITH
CT
SGND
CT
470pF
CC
3300pF
RC
1k
+
COUT
390µF
D1
MBRS140T3
LT1148 • TA01
N-DRIVE
PGND
N-CHANNEL
Si4412DY
VIN
P-DRIVE
LTC1148HV-5
SHUTDOWN
SENSE+
SENSE
1000pF
COILTRONICS CTX62-2-MP
KRL SL-1-C1-0R050J
*
**
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1148_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148-3.3 LINER-LTC1148-3.3 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-3.3 LINER-LTC1148-3.3_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148CN LINER-LTC1148CN Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1148_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
logo
Linear Technology
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149 Datasheet
389Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com