Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1200 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # R1200
Description  General Purpose High Voltage Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

R1200 Datasheet(HTML) 4 Page - Leshan Radio Company

  R1200_15 Datasheet HTML 1Page - Leshan Radio Company R1200_15 Datasheet HTML 2Page - Leshan Radio Company R1200_15 Datasheet HTML 3Page - Leshan Radio Company R1200_15 Datasheet HTML 4Page - Leshan Radio Company R1200_15 Datasheet HTML 5Page - Leshan Radio Company R1200_15 Datasheet HTML 6Page - Leshan Radio Company R1200_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Unit:mm
A:卷盘规格/Reel spec.
W1 W
W1
Item
Symbol
Dimension
Label stike this position
A
76.4±0.1
B
82.5±0.2
C
330±0.5
Width
W
72±0.2
Thickness
W1
3±0.2
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
L
350±2
W
350±2
H
340±4
H
按以上包装方式:(As per the above spec)
DO-15
4K
16K
Q'ty/Taping
5K
1.4K
Q'ty/Packing Case
20K
5.6K
Size
W
L
外型/Outside
DO-41 & A-405
DO-201AD
Packing Of Plastic-Sealed Axial Lead Diodes
A
B C
Dimeter
1.卷盘/Reel Packing(52mm)
LESHAN RADIO COMPANY, LTD.


Similar Part No. - R1200_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
R1200 GOOD-ARK-R1200_15 Datasheet
116Kb / 2P
   High Voltage Silicon Rectifiers Reverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
logo
Galaxy Semi-Conductor H...
R1200 BILIN-R1200_15 Datasheet
256Kb / 2P
   HIGH VOLTAGE RECTIFIERS
More results

Similar Description - R1200_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
R1500 LRC-R1500_15 Datasheet
207Kb / 7P
   General Purpose High Voltage Rectifiers
R4000 LRC-R4000_15 Datasheet
207Kb / 7P
   High Voltage General Purpose Plastic Rectifiers
R2000 LRC-R2000_15 Datasheet
427Kb / 7P
   High Voltage General Purpose Plastic Rectifiers
R5000 LRC-R5000_15 Datasheet
534Kb / 7P
   High Voltage General Purpose Plastic Rectifiers
R2500 LRC-R2500 Datasheet
534Kb / 7P
   High Voltage General Purpose Plastic Rectifiers Low leakage
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
   HIGH VOLTAGE GENERAL PURPOSE
October 1988
logo
New Jersey Semi-Conduct...
2N720A NJSEMI-2N720A Datasheet
123Kb / 2P
   HIGH VOLTAGE GENERAL PURPOSE
2N4030 NJSEMI-2N4030 Datasheet
480Kb / 2P
   GENERAL PURPOSE HIGH-VOLTAGE
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com