Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8808 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR8808
Description  Micropocessor Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8808 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR8808_15 Datasheet HTML 1Page - Leshan Radio Company LR8808_15 Datasheet HTML 2Page - Leshan Radio Company LR8808_15 Datasheet HTML 3Page - Leshan Radio Company LR8808_15 Datasheet HTML 4Page - Leshan Radio Company LR8808_15 Datasheet HTML 5Page - Leshan Radio Company LR8808_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin Descriptions
SOT23
SOT23-5
Pin No
A
M
R
1
Gnd
Vout
Vout
2
Vout
Gnd
Vcc
3
Vcc
Vcc
Gnd
4
No connection
5
No connection
Connection Diagrams
SOT23 package
SOT23-5 package
Ordering Information
The package type,the detector threshold,the output type and the taping type of LR8808 series can be designated at user’s request
as following:
CODE
SYMBOL
DESCRIPTION
a
1.5~6.0
Detect Voltage
C
CMOS Output
b
N
Nch open drain Output
A/M
Package:SOT23
c
R
Package:SOT23-5
Absolute Maximum Ratings
VIN
Gnd to Gnd +10V
VOUT
Gnd to Gnd +10V
Junction Temperature
−40°C to +85°C
Storage Temperature
−40°C to +125°C
Power Dissipation
SOT23
250mW
Operating Ratings
VIN
0.95V to 8V
VOUT
0 to VIN
Junction Temperature
−40°C to +85°C
Junction-to-Ambient Thermal
Resistance (θJA)
SOT23
301
°C /W
SOT23-5
220°C /W
2/6
LESHAN RADIO COMPANY, LTD.
LR8808


Similar Part No. - LR8808_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8808-1.5 LRC-LR8808-1.5 Datasheet
340Kb / 6P
   Micropocessor Reset Circuits junction temperature range for operation
LR8808-1.6 LRC-LR8808-1.6 Datasheet
340Kb / 6P
   Micropocessor Reset Circuits junction temperature range for operation
LR8808-1.7 LRC-LR8808-1.7 Datasheet
340Kb / 6P
   Micropocessor Reset Circuits junction temperature range for operation
LR8808-1.8 LRC-LR8808-1.8 Datasheet
340Kb / 6P
   Micropocessor Reset Circuits junction temperature range for operation
LR8808-1.9 LRC-LR8808-1.9 Datasheet
340Kb / 6P
   Micropocessor Reset Circuits junction temperature range for operation
More results

Similar Description - LR8808_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8808 LRC-LR8808 Datasheet
340Kb / 6P
   Micropocessor Reset Circuits junction temperature range for operation
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Impala Linear Corporati...
ILC811 IMPALA-ILC811 Datasheet
79Kb / 5P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC811 MICREL-MIC811 Datasheet
159Kb / 8P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1815 AD-ADM1815_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1817 AD-ADM1817_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Micrel Semiconductor
MIC811 MICREL-MIC811_14 Datasheet
227Kb / 7P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com