Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3475 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3475
Description  Dual Step-Down 1.5A LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3475 Datasheet(HTML) 2 Page - Linear Technology

  LT3475_15 Datasheet HTML 1Page - Linear Technology LT3475_15 Datasheet HTML 2Page - Linear Technology LT3475_15 Datasheet HTML 3Page - Linear Technology LT3475_15 Datasheet HTML 4Page - Linear Technology LT3475_15 Datasheet HTML 5Page - Linear Technology LT3475_15 Datasheet HTML 6Page - Linear Technology LT3475_15 Datasheet HTML 7Page - Linear Technology LT3475_15 Datasheet HTML 8Page - Linear Technology LT3475_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3475/LT3475-1
2
3475fb
VIN Pin .........................................................(-0.3V), 40V
BOOST Pin Voltage ...................................................60V
BOOST Above SW Pin...............................................30V
OUT, LED, Pins (LT3475)...........................................15V
OUT, LED Pins (LT3475-1).........................................25V
PWM Pin...................................................................15V
VADJ Pin ......................................................................6V
VC, RT, REF Pins ..........................................................3V
SHDN Pin...................................................................VIN
Maximum Junction Temperature (Note 2)............. 125°C
Operating Temperature Range (Note 3)
LT3475E/LT3475E-1............................. –40°C to 85°C
LT3475I/LT3475I-1............................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature Range (Soldering, 10 sec) ....... 300°C
(Note 1)
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VBOOST = 16V, VOUT = 4V unless otherwise noted (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
3.7
4
V
Input Quiescent Current
Not Switching
6
8
mA
Shutdown Current
SHDN = 0.3V, VBOOST = VOUT = 0V
0.01
2
μA
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
OUT1
LED1
BOOST1
SW1
VIN
VIN
SW2
BOOST2
LED2
OUT2
PWM1
VADJ1
VC1
REF
SHDN
GND
RT
VC2
VADJ2
PWM2
21
TJMAX = 125°C, θJA = 30°C/W, θJC = 8°C/W
EXPOSED PAD (PIN 21) IS GROUND AND MUST
BE ELECTRICALLY CONNECTED TO THE PCB.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3475EFE#PBF
LT3475EFE#TRPBF
LT3475EFE
20-Lead Plastic TSSOP
–40°C to 85°C
LT3475IFE#PBF
LT3475IFE#TRPBF
LT3475IFE
20-Lead Plastic TSSOP
–40°C to 125°C
LT3475EFE-1#PBF
LT3475EFE-1#TRPBF
LT3475FE-1
20-Lead Plastic TSSOP
–40°C to 85°C
LT3475IFE-1#PBF
LT3475IFE-1#TRPBF
LT3475FE-1
20-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ORDER INFORMATION


Similar Part No. - LT3475_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475-1 LINER-LT3475-1 Datasheet
243Kb / 20P
   Dual Step-Down l 1.5A LED Driver
LT3475-1 LINER-LT3475-1 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
More results

Similar Description - LT3475_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
LT3475 LINER-LT3475 Datasheet
243Kb / 20P
   Dual Step-Down l 1.5A LED Driver
logo
Shenzhen Huazhimei Semi...
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2801 HMSEMI-HM2801 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
logo
Monolithic Power System...
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
   High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
   Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
   1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com