Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3420-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3420-1
Description  Photoflash Capacitor Chargers with Automatic Refresh
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3420-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3420-1_15 Datasheet HTML 5Page - Linear Technology LT3420-1_15 Datasheet HTML 6Page - Linear Technology LT3420-1_15 Datasheet HTML 7Page - Linear Technology LT3420-1_15 Datasheet HTML 8Page - Linear Technology LT3420-1_15 Datasheet HTML 9Page - Linear Technology LT3420-1_15 Datasheet HTML 10Page - Linear Technology LT3420-1_15 Datasheet HTML 11Page - Linear Technology LT3420-1_15 Datasheet HTML 12Page - Linear Technology LT3420-1_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3420/LT3420-1
9
3420fb
of Q1 so that the peak current of Q1 is 1.4A and the mini-
mum secondary current is 40mA (typical values).
The previously described charging cycle must be halted
when the output voltage reaches the desired value. The
LT3420 monitors the output voltage via the flyback pulse
on the SW pin. When Q1 turns off, the secondary side
conducts current turning on diode D1. Since the diode is
conducting and the SEC pin is at nearly ground, the voltage
across the secondary is nearly equal to VOUT. The voltage
across the primary is therefore close to VOUT/N. A current
proportional to VOUT/N flows through R1 and into the RFB
pin. The current flows out of the RREF pin through a resis-
tor creating a ground referred voltage. When this voltage
exceeds an internal 1V reference voltage, the output of
comparator A3 goes high which resets the master latch. The
Q output of the master latch goes low, disabling the entire
power delivery block and enabling the refresh timer.
Leakage Spike Blanking
Another function of the LT3420 is leakage spike blanking
when the power switch, Q1, turns off. Right after Q1 turns
off, a one-shot turns on Q2 for 200ns (typ). With Q2 on,
comparator A3 is disabled. This function may prevent A3
from false tripping on the leakage inductance spike on the
SW pin. In practice, the PNP transistor Q3 filters out the
leakage spike.
Refresh Timer
When the refresh timer is enabled, a 2.5µA current source
is switched on, charging up the external timing capacitor,
Figure 6b. Switching Waveforms with
VOUT = 300V, VCC = VBAT = 3.3V
Figure 6a. Switching Waveforms with
VOUT = 100V, VCC = VBAT = 3.3V
OPERATIO
C3, from its initial voltage towards 1V. When the voltage
on C3 reaches 1V, the polarity of the current source changes
and 2.5µA discharges C3. When the voltage on C3 reaches
0.5V, the refresh timer sends a set pulse to the master latch,
which puts the LT3420 into the charging mode.
Interface/Control
The CHARGE pin serves two functions. The first is to
enable or shutdown the part depending on the level of the
pin (high = enable, low =shutdown). The second is to
force the part into the charging mode (low→high transi-
tion). The LT3420 also has a DONE pin, which signals
whether or not the part is done charging the photoflash
capacitor. The DONE pin is an open collector NPN switch
(Q5) so an external pull-up resistor is needed. Whenever
the part is in charging mode, DONE will be low. DONE will
go high when the charging mode is complete. Both the
CHARGE and DONE pins can be easily interfaced to a
microprocessor in a digital or film camera.
LT3420-1 Differences
The LT3420-1 has different primary and secondary cur-
rent limit levels. The primary current limit level of the
LT3420-1 is 1A (typ) and the secondary current limit is
15mA (typ). The LT3420-1 has no leakage spike blanking
which causes no problems since the PNP transistor, Q3,
provides adequate filtering. Finally, the breakdown voltage
of the SW pin of the LT3420-1 is higher at 50V.
ISW
1A/DIV
VSW
20V/DIV
ISEC
200mA/DIV
2µs/DIV
3420 F06a
2µs/DIV
3420 F06b
ISW
1A/DIV
VSW
20V/DIV
ISEC
200mA/DIV


Similar Part No. - LT3420-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3420-1 LINER-LT3420-1 Datasheet
368Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
logo
Analog Devices
LT3420-1 AD-LT3420-1 Datasheet
1Mb / 16P
   Capacitor Charger Controller
More results

Similar Description - LT3420-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420 Datasheet
368Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
logo
YOBON TECHNOLOGIES,INC.
YB7000 YOBON-YB7000 Datasheet
82Kb / 1P
   Photoflash Capacitor Charger with Automatic Refresh
YB7002 YOBON-YB7002 Datasheet
198Kb / 8P
   Photoflash Capacitor Charger with Automatic Refresh
logo
Linear Technology
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3468-2 LINER-LT3468-2 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-2 LINER-LT3468-2_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com