Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1969 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1969
Description  Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1969 Datasheet(HTML) 3 Page - Linear Technology

  LT1969_15 Datasheet HTML 1Page - Linear Technology LT1969_15 Datasheet HTML 2Page - Linear Technology LT1969_15 Datasheet HTML 3Page - Linear Technology LT1969_15 Datasheet HTML 4Page - Linear Technology LT1969_15 Datasheet HTML 5Page - Linear Technology LT1969_15 Datasheet HTML 6Page - Linear Technology LT1969_15 Datasheet HTML 7Page - Linear Technology LT1969_15 Datasheet HTML 8Page - Linear Technology LT1969_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1969
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VS = ±6V, VCM = 0V, nominal mode with a 13k resistor from CTRL1 to Vand
a 49.9k resistor from CTRL2 to V , pulse power tested unless otherwise noted. (Note 9)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short-Circuit Current (Sourcing)
(Note 3)
700
mA
Short-Circuit Current (Sinking)
500
mA
SR
Slew Rate
AV = –10 (Note 6)
100
200
V/
µs
Full Power Bandwidth
4V Peak (Note 7)
8
MHz
GBW
Gain Bandwidth
f = 1MHz
700
MHz
tr, tf
Rise Time, Fall Time
AV = 10, 10% to 90% of 0.1V, RL = 100Ω
4ns
Overshoot
AV = 10, 0.1V, RL = 100Ω
1%
Propagation Delay
AV = 10, 50% VIN to 50% VOUT, 0.1V, RL = 100Ω
2.5
ns
tS
Settling Time
6V Step, 0.1%
50
ns
Harmonic Distortion
HD2, AV = 10, 2VP-P, f = 1MHz, RL = 100Ω/25Ω
–75/–63
dBc
HD3, AV = 10, 2VP-P, f = 1MHz, RL = 100Ω/25Ω
–85/–71
dBc
IMD
Intermodulation Distortion
AV = 10, f = 0.9MHz, 1MHz, 14dBm, RL = 100Ω/25Ω
–81/–80
dBc
ROUT
Output Resistance
AV = 10, f = 1MHz
0.1
IS
Supply Current
Per Amplifier
7
8.25
mA
q
8.50
mA
CTRL1 Voltage
13k to V , Measured with Respect to V
0.77
0.97
1.25
V
q
0.74
1.30
V
CTRL2 Voltage
49.9k to V , Measured with Respect to V
0.87
1.05
1.18
V
q
0.80
1.25
V
Minimum Supply Current
per Amplifier; CTRL1, CTRL2 Open
300
800
µA
q
1100
µA
Maximum Supply Current
per Amplifier; CTRL1 or CTRL2 Shorted to V
13
mA
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = ±2.5V, VCM = 0V, nominal mode with a 13k resistor from CTRL1 to V
and a 49.9k resistor from CTRL2 to V, pulse power tested
unless otherwise noted. (Note 9)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 5)
1.5
5
mV
q
6mV
Input Offset Voltage Drift
(Note 8)
q
517
µV/°C
IOS
Input Offset Current
100
350
nA
q
550
nA
IB
Input Bias Current
1.2
3.5
µA
q
5.5
µA
en
Input Noise Voltage
f = 10kHz
6
nV/
√Hz
in
Input Noise Current
f = 10kHz
2
pA/
√Hz
RIN
Input Resistance
VCM = ±1V
10
20
M
Differential
50
k
CIN
Input Capacitance
2pF
Input Voltage Range (Positive)
q
1
2.4
V
Input Voltage Range (Negative)
q
–1.7
–1
V
CMRR
Common Mode Rejection Ratio
VCM = ±1V
q
75
91
dB


Similar Part No. - LT1969_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1969CMS LINER-LT1969CMS Datasheet
295Kb / 20P
   Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
More results

Similar Description - LT1969_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1969 LINER-LT1969 Datasheet
295Kb / 20P
   Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652_07 Datasheet
507Kb / 20P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com