Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1032C Datasheet(PDF) 3 Page - Linear Technology

Part # LT1032C
Description  Quad Low Power Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1032C Datasheet(HTML) 3 Page - Linear Technology

  LT1032C Datasheet HTML 1Page - Linear Technology LT1032C Datasheet HTML 2Page - Linear Technology LT1032C Datasheet HTML 3Page - Linear Technology LT1032C Datasheet HTML 4Page - Linear Technology LT1032C Datasheet HTML 5Page - Linear Technology LT1032C Datasheet HTML 6Page - Linear Technology LT1032C Datasheet HTML 7Page - Linear Technology LT1032C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1032
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (
°C)
25
1
100
1000
50
100
125
LT1032 • TPC03
10
75
VS = ±12V
SUPPLY VOLTAGE (
±V)
5
0
0.2
0.6
0.8
1.0
2.0
1.4
7.5
10
LT1032 • TPC02
0.4
1.6
1.8
1.2
12.5
15
ALL OUTPUTS HIGH
ALL OUTPUTS LOW
On Supply Current
vs Temperature
Supply Current
vs Supply Voltage
Off Supply Current
vs Temperature
Response Pin Leakage
vs Temperature (Device Off)
OUTPUT CURRENT (mA)
0
0.4
V+
8
LT1032 • TA02
0.8
0.4
V
2
4
6
10
0.2
1.0
0.6
0.2
VOUT HIGH
VOUT LOW
Output Swing vs Output Current
TEMPERATURE (
°C)
100nA
25
75
100
LT1032 • TPC05
10nA
50
125
1nA
100
µA
10
µA
1
µA
VOUT = –30V
VOUT = 30V
Output Leakage vs Temperature
TEMPERATURE (
°C)
25
1
100
1000
50
75
100
LT1032 • G06
10
V = 5V
V = –5V
Shutdown Pin Voltage
vs Temperature
INPUT VOLTAGE (V)
0
6
10
4
LT1032 • TPC07
2
–2
–6
1
2
3
5
4
8
0
–4
ON/OFF Pin Current vs Voltage
TEMPERATURE (
°C)
–50
0
0.2
0.6
0.8
1.0
2.0
1.4
0
50
75
LT1032 • TPC08
0.4
1.6
1.8
1.2
–25
25
100 125
150
MIN ON VOLTAGE
MAX OFF VOLTAGE
TEMPERATURE (
°C)
–55
40
50
60
150
LT1032 • TPC09
30
20
0
0
50
100
10
80
70
–25
25
75
125
SINKING
SOURCING
Current Limit vs Temperature
TEMPERATURE (˚C)
–50
2.0
2.5
3.0
25
75
LT1032 • TPC01
1.5
1.0
–25
0
50
100
125
0.5
0
ALL OUTPUTS HIGH
ALL OUTPUTS LOW


Similar Part No. - LT1032C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1032CJ LINER-LT1032CJ Datasheet
205Kb / 12P
   Quad Low Power Line Driver
LT1032CN LINER-LT1032CN Datasheet
205Kb / 12P
   Quad Low Power Line Driver
LT1032CSW LINER-LT1032CSW Datasheet
205Kb / 12P
   Quad Low Power Line Driver
More results

Similar Description - LT1032C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1030CS LINER-LT1030CS Datasheet
124Kb / 2P
   Quad Low Power Line Driver?
LT1032 LINER-LT1032_02 Datasheet
205Kb / 12P
   Quad Low Power Line Driver
LT1030 LINER-LT1030 Datasheet
174Kb / 4P
   Quad Low Power Line Driver
logo
Motorola, Inc
MC14C88B MOTOROLA-MC14C88B Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
logo
Linear Technology
LT1030 LINER-LT1030_15 Datasheet
196Kb / 4P
   Quad Low Power Line Driver
LT1032 LINER-LT1032_15 Datasheet
214Kb / 12P
   Quad Low Power Line Driver
logo
National Semiconductor ...
DS1488 NSC-DS1488 Datasheet
161Kb / 6P
   Quad Line Driver
logo
ARTSCHIP ELECTRONICS CO...
MC1488 ARTSCHIP-MC1488 Datasheet
377Kb / 7P
   Quad Line Driver
logo
Fairchild Semiconductor
100316 FAIRCHILD-100316 Datasheet
56Kb / 6P
   Low Power Quad Differential Line Driver with Cut-Off
logo
National Semiconductor ...
100313 NSC-100313 Datasheet
119Kb / 6P
   Low Power Quad Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com