Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD75068 Datasheet(PDF) 11 Page - NEC

Part # UPD75068
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75068 Datasheet(HTML) 11 Page - NEC

Back Button UPD75068 Datasheet HTML 7Page - NEC UPD75068 Datasheet HTML 8Page - NEC UPD75068 Datasheet HTML 9Page - NEC UPD75068 Datasheet HTML 10Page - NEC UPD75068 Datasheet HTML 11Page - NEC UPD75068 Datasheet HTML 12Page - NEC UPD75068 Datasheet HTML 13Page - NEC UPD75068 Datasheet HTML 14Page - NEC UPD75068 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
11
µPD75064, 75066, 75068, 75064(A), 75066(A), 75068(A)
Type F-B
Type F-A
Type M
Type Y (For type Y-A , Y-D)
Type M-C
Type Y-A
P.U.R.: Pull-Up Resistor
P.U.R.: Pull-Up Resistor
P.U.R.: Pull-Up Resistor
P.U.R.: Pull-Up Resistor
P.U.R.
VDD
P.U.R.
enable
P-ch
IN/OUT
Data
Output
disable
Type D
Type B
VDD
P-ch
N-ch
IN/OUT
VDD
P-ch
P.U.R.
P.U.R.
enable
Output
disable
(P)
Data
Output
disable
Output
disable
(N)
N-ch
(Can
withstand
+10 V)
IN/OUT
Data
VDD
Output
disable
P.U.R.
enable
(Mask option)
Middle-voltage input buffer
(Can withstand +10 V)
N-ch
P.U.R.
Data
Output
disable
P.U.R.
enable
VDD
P-ch
IN/OUT
VDD
VDD
P-ch
AVSS
N-ch
Sampl-
ing C
AVSS
Reference voltage
(from voltage tap of
serial resistor string)
Input
enable
IN
IN
Input buffer
IN instruction
+
(2/3)
Type Y
Type A


Similar Part No. - UPD75068

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75068 RENESAS-UPD75068 Datasheet
696Kb / 70P
   MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD75068

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com