Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1128 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1128
Description  Ultra Low Noise Precision High Speed Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1128 Datasheet(HTML) 4 Page - Linear Technology

  LT1128 Datasheet HTML 1Page - Linear Technology LT1128 Datasheet HTML 2Page - Linear Technology LT1128 Datasheet HTML 3Page - Linear Technology LT1128 Datasheet HTML 4Page - Linear Technology LT1128 Datasheet HTML 5Page - Linear Technology LT1128 Datasheet HTML 6Page - Linear Technology LT1128 Datasheet HTML 7Page - Linear Technology LT1128 Datasheet HTML 8Page - Linear Technology LT1128 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1028/LT1128
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 1)
q
15
80
30
125
µV
∆VOS
Average Input Offset Drift
(Note7)
q
0.1
0.8
0.2
1.0
µV/°C
∆Temp
IOS
Input Offset Current
VCM = 0V
q
15
65
22
130
nA
IB
Input Bias Current
VCM = 0V
q
±30
±120
±40
±240
nA
Input Voltage Range
q
±10.5 ±12.0
±10.5 ±12.0
V
CMRR
Common-Mode Rejection Ratio
VCM = ±10.5V
q
110
124
106
124
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±18V
q
114
132
107
132
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±10V
q
5.0
25.0
3.0
25.0
V/
µV
RL ≥ 1k, VO = ±10V
4.0
18.0
2.5
18.0
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
q
±11.5 ±12.7
±11.5 ±12.7
V
RL ≥ 600Ω (Note 9)
±9.5 ±11.0
±9.0 ±10.5
V
IS
Supply Current
q
8.0
10.5
8.2
11.5
mA
VS = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
LT1028AC
LT1128AC
LT1028C
LT1128C
ELECTRICAL C
C
HARA TERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
20
95
35
150
µV
∆VOS
Average Input Offset Drift
q
0.2
0.8
0.25
1.0
µV/°C
∆Temp
IOS
Input Offset Current
VCM = 0V
q
20
80
28
160
nA
IB
Input Bias Current
VCM = 0V
q
±35
±140
±45
±280
nA
Input Voltage Range
q
±10.4 ±11.8
±10.4 ±11.8
V
CMRR
Common-Mode Rejection Ratio
VCM = ±10.5V
q
108
123
102
123
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±18V
q
112
131
106
131
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±10V
q
4.0
20.0
2.5
20.0
V/
µV
RL ≥ 1k, VO = ±10V
3.0
14.0
2.0
14.0
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
q
±11.0 ±12.5
±11.0 ±12.5
V
IS
Supply Current
q
8.5
11.0
8.7
12.5
mA
VS = ±15V, – 40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 10)
LT1028AC
LT1128AC
LT1028C
LT1128C
ELECTRICAL C
C
HARA TERISTICS
on an RMS basis) is divided by the sum of the two source resistors to
obtain current noise. Maximum 10Hz current noise can be inferred from
100% testing at 1kHz.
Note 6: Gain-bandwidth product is not tested. It is guaranteed by design
and by inference from the slew rate measurement.
Note 7: This parameter is not 100% tested.
Note 8: The inputs are protected by back-to-back diodes. Current-limiting
resistors are not used in order to achieve low noise. If differential input
voltage exceeds
±1.8V, the input current should be limited to 25mA.
Note 9: This parameter guaranteed by design, fully warmed up at TA =
70
°C. It includes chip temperature increase due to supply and load
currents.
Note 10: The LT1028/LT1128 are not tested and are not quality-
assurance-sampled at –40
°C and at 85°C. These specifications are
guaranteed by design, correlation and/or inference from –55
°C, 0°C, 25°C,
70
°C and /or 125°C tests.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Input Offset Voltage measurements are performed by automatic
test equipment approximately 0.5 sec. after application of power. In
addition, at TA = 25°C, offset voltage is measured with the chip heated to
approximately 55
°C to account for the chip temperature rise when the
device is fully warmed up.
Note 2: Long Term Input Offset Voltage Stability refers to the average
trend line of Offset Voltage vs. Time over extended periods after the first
30 days of operation. Excluding the initial hour of operation, changes in
VOS during the first 30 days are typically 2.5µV.
Note 3: This parameter is tested on a sample basis only.
Note 4: 10Hz noise voltage density is sample tested on every lot with the
exception of the S8 and S16 packages. Devices 100% tested at 10Hz are
available on request.
Note 5: Current noise is defined and measured with balanced source
resistors. The resultant voltage noise (after subtracting the resistor noise


Similar Part No. - LT1128

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1128ACN8 LINER-LT1128ACN8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1128AMJ8 LINER-LT1128AMJ8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1128CJ8 LINER-LT1128CJ8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1128CN8 LINER-LT1128CN8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1128CS8 LINER-LT1128CS8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
More results

Similar Description - LT1128

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44250 MAXIM-MAX44250_V01 Datasheet
1Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
2017
MAX44251 MAXIM-MAX44251 Datasheet
2Mb / 15P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 0; 10/11
MAX44250 MAXIM-MAX44250 Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
logo
Linear Technology
LT1028 LINER-LT1028_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M Datasheet
149Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1128M LINER-RH1128M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com