Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJE-XV12W2P4 Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SMJE-XV12W2P4
Description  Integrated AC LED Solution
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-XV12W2P4 Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SMJE-XV12W2P4 Datasheet HTML 7Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 8Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 9Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 10Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 11Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 12Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 13Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 14Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
Acrich2
– 12.7W
11
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
CIE Chromaticity Diagram
0.31
0.32
0.33
0.34
0.35
0.36
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
C0
4700K
5000K
5300K
5600K
6000K
CIE X
C1
C2
C3
C4
C5
B0
B1
B2
B3
B4
B5
Bin code
X
Y
Bin code
X
Y
Bin code
X
Y
B0
0.3207
0.3462
B1
0.3292
0.3539
B2
0.3212
0.3389
0.3212
0.3389
0.3293
0.3461
0.3217
0.3316
0.3293
0.3461
0.3373
0.3534
0.3293
0.3384
0.3292
0.3539
0.3376
0.3616
0.3293
0.3461
B3
0.3293
0.3461
B4
0.3217
0.3316
B5
0.3293
0.3384
0.3293
0.3384
0.3222
0.3243
0.3294
0.3306
0.3369
0.3451
0.3294
0.3306
0.3366
0.3369
0.3373
0.3534
0.3293
0.3384
0.3369
0.3451
C0
0.3376
0.3616
C1
0.3463
0.3687
C2
0.3373
0.3534
0.3373
0.3534
0.3456
0.3601
0.3369
0.3451
0.3456
0.3601
0.3539
0.3669
0.3448
0.3514
0.3463
0.3687
0.3552
0.3760
0.3456
0.3601
C3
0.3456
0.3601
C4
0.3369
0.3451
C5
0.3448
0.3514
0.3448
0.3514
0.3366
0.3369
0.3440
0.3428
0.3526
0.3578
0.3440
0.3428
0.3514
0.3487
0.3539
0.3669
0.3448
0.3514
0.3526
0.3578


Similar Part No. - SMJE-XV12W2P4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-XV12W2P SEOUL-SMJE-XV12W2P Datasheet
1Mb / 28P
   Integrated AC LED Solution
More results

Similar Description - SMJE-XV12W2P4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XD16W4PX SEOUL-SMJD-XD16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD08W4PX SEOUL-SMJE-XD08W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com