Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJE-XV12W2P4 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SMJE-XV12W2P4
Description  Integrated AC LED Solution
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-XV12W2P4 Datasheet(HTML) 1 Page - Seoul Semiconductor

  SMJE-XV12W2P4 Datasheet HTML 1Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 2Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 3Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 4Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 5Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 6Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 7Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 8Page - Seoul Semiconductor SMJE-XV12W2P4 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Acrich2
– 12.7W
Product Data Sheet
Product Brief
Description
Key Applications
Features and Benefits
www.seoulsemicon.com
1
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
Features and Benefits
Key Applications
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
Integrated AC LED Solution
SMJE-XV12W2P4
Acrich2
– 12.7W Eco
RoHS
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
(왼쪽 하단부터 오른쪽방향 순차 삽입)
Troffer, Highbay
RoHS
LM-80
MacAdam
3-Step
Bulb light
Down light
Table 1. Product Selection (CCT)
Part No.
Vin [Vac]
P [W]
Color
CCT [K]
CRI
Min.
SMJE-2V12W2P4
120
12.7
Cool
4700
– 6000
80
Neutral
3700 - 4200
Warm
2600
– 3200
SMJE-3V12W2P4
220
Cool
4700
– 6000
Neutral
3700 - 4200
Warm
2600
– 3200
Table 2. Product Selection (Flux)
Part No.
Vin [Vac]
P [W]
Flux Bin
Flux [lm]
Min.
Typ.
SMJE-2V12W2P4
120
12.7
-
850
930
SMJE-3V12W2P4
220
The Acrich2 series of products are designed
to be driven directly off the AC line voltage
(with an SPC board) and do not need the
typical AC/DC converters essential for
conventional lighting products.
The converter or the driver found in most
general lighting products can limit the overall
life of the product, but with the Acrich2 series
the lifetime of the product is based on the
lifetime of the LED itself.
The Acrich2 series also allows for maximum
design flexibility to create a compact and
aesthetic luminaire.
The modules also have a high power factor
which can contribute to additional energy
savings in the end application.
Connects directly to AC line voltage
through a Surge Protection circuit
(SPC2.5)
High Power Factor and Low THD
Long Life Time with Simple BOM
Miniaturization
Lead Free Product
RoHS Compliant


Similar Part No. - SMJE-XV12W2P4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-XV12W2P SEOUL-SMJE-XV12W2P Datasheet
1Mb / 28P
   Integrated AC LED Solution
More results

Similar Description - SMJE-XV12W2P4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XD16W4PX SEOUL-SMJD-XD16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD08W4PX SEOUL-SMJE-XD08W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com