Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDWX3F1C Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SDWX3F1C
Description  Enable High Flux and Cost Efficient System
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDWX3F1C Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SDWX3F1C Datasheet HTML 7Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 8Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 9Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 10Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 11Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 12Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 13Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 14Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.seoulsemicon.com
Product Data Sheet
SDWx3F1C
– Chip on Board
11
Product Data Sheet
Characteristics Graph
Fig 10. Junction Temperature vs. CIE X, Y Shift, I
F=500mA (CRI90)
Fig 9. Junction Temperature vs. CIE X, Y Shift, I
F=500mA (CRI70)
20
40
60
80
100
120
140
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
Jinction Temperature(
oC)
CIE X(5000K)
CIE Y(5000K)
20
40
60
80
100
120
140
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
CIE X(3000K)
CIE Y(3000K)
Junction Temperature(
oC)


Similar Part No. - SDWX3F1C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDWX1F1B SEOUL-SDWX1F1B Datasheet
696Kb / 26P
   Enable High Flux and Cost Efficient System
SDWX1F1C SEOUL-SDWX1F1C Datasheet
737Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX2F1C SEOUL-SDWX2F1C Datasheet
762Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX4F1C SEOUL-SDWX4F1C Datasheet
796Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX5F1C SEOUL-SDWX5F1C Datasheet
784Kb / 27P
   Enable High Flux and Cost Efficient System
More results

Similar Description - SDWX3F1C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDWX4F1C SEOUL-SDWX4F1C Datasheet
796Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX7F1C SEOUL-SDWX7F1C Datasheet
514Kb / 25P
   Enable High Flux and Cost Efficient System
SDWX6F1C SEOUL-SDWX6F1C Datasheet
849Kb / 24P
   Enable High Flux and Cost Efficient System
SDWX1F1C SEOUL-SDWX1F1C Datasheet
737Kb / 27P
   Enable High Flux and Cost Efficient System
SAW82F1D SEOUL-SAW82F1D Datasheet
886Kb / 21P
   Enable High Flux and Cost Efficient System
SDWX2F1C SEOUL-SDWX2F1C Datasheet
762Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX5F1C SEOUL-SDWX5F1C Datasheet
784Kb / 27P
   Enable High Flux and Cost Efficient System
SDW81F1DY SEOUL-SDW81F1DY Datasheet
669Kb / 24P
   Enable High Flux and Cost Efficient System
SAW81F1D SEOUL-SAW81F1D Datasheet
882Kb / 21P
   Enable High Flux and Cost Efficient System
SDWX1F1B SEOUL-SDWX1F1B Datasheet
696Kb / 26P
   Enable High Flux and Cost Efficient System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com