Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63801-7300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63801-7300
Description  Mini-Mac Applicator for Mini-Fit Sr. Terminals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63801-7300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63801-7300 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63891-1200
Status:
Active
Description:
Mini-Mac™ Applicator for “Mini-Fit Sr.” Terminals
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
Mini-Mac™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Mini-Mac Applicator
UPC
887191284828
Physical
Net Weight
5002.870/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-638911200, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638000100, TM-638000100SP
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63801-7300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63801-7300 MOLEX11-63801-7300 Datasheet
64Kb / 1P
   Mini-Mac Applicator
63801-7300 MOLEX11-63801-7300 Datasheet
42Kb / 1P
   Mini-Mac Applicator
63801-7300 MOLEX11-63801-7300 Datasheet
50Kb / 1P
   FineAdjust for Male Terminal, 18-24 AWG Wire
63801-7300 MOLEX11-63801-7300 Datasheet
49Kb / 1P
   FineAdjust Applicator, 32-36 AWG Wire
63801-7300 MOLEX11-63801-7300 Datasheet
50Kb / 1P
   FineAdjust Applicator for 1.25mm (.049) / 2.00mm (.078) Wire-to-Board Crimp Terminal
More results

Similar Description - 63801-7300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638919500 MOLEX-ATS-638919500 Datasheet
389Kb / 7P
   Mini-Mac Applicator for -?쏮ini-Fit Sr.??Terminals
09-21-16
ATS-638911000 MOLEX-ATS-638911000 Datasheet
386Kb / 7P
   Mini-Mac Applicator for -?쏮ini-Fit Sr.??Terminals
09-21-16
ATS-638911100 MOLEX-ATS-638911100 Datasheet
375Kb / 6P
   Mini-Mac Applicator for ?쏮ini-Fit Sr.??Terminals
09-21-16
ATS-638912000 MOLEX-ATS-638912000 Datasheet
380Kb / 6P
   Mini-Mac Applicator for ?쏮ini-Fit Sr.??Terminals
09-21-16
ATS-638939000 MOLEX-ATS-638939000 Datasheet
202Kb / 5P
   Mini-Mac Applicator for Mini KK짰 Crimp Terminals
06-28-07
63895-0400 MOLEX11-63895-0400 Datasheet
42Kb / 1P
   Mini-Mac Applicator for Crimp Terminals
ATS-638882000 MOLEX-ATS-638882000 Datasheet
404Kb / 6P
   Mini-Mac Applicator “KK” Terminals
10-18-11
ATS-638882100 MOLEX-ATS-638882100 Datasheet
329Kb / 6P
   Mini-Mac Applicator ?쏫K??Terminals
10-18-11
63888-2000 MOLEX-63888-2000 Datasheet
404Kb / 6P
   Mini-Mac Applicator ?쏫K??Terminals
10-18-11
63895-3400 MOLEX11-63895-3400 Datasheet
43Kb / 1P
   Mini-Mac Applicator for MX150L Crimp Terminals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com