Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1019-4.5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1019-4.5
Description  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1019-4.5 Datasheet(HTML) 5 Page - Linear Technology

  LT1019-4.5 Datasheet HTML 1Page - Linear Technology LT1019-4.5 Datasheet HTML 2Page - Linear Technology LT1019-4.5 Datasheet HTML 3Page - Linear Technology LT1019-4.5 Datasheet HTML 4Page - Linear Technology LT1019-4.5 Datasheet HTML 5Page - Linear Technology LT1019-4.5 Datasheet HTML 6Page - Linear Technology LT1019-4.5 Datasheet HTML 7Page - Linear Technology LT1019-4.5 Datasheet HTML 8Page - Linear Technology LT1019-4.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1019
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Quiescent Current (LT1019-10)
Quiescent Current (LT1019-2.5)
INPUT VOLTAGE (V)
0
0.8
1.0
1.2
40
LT1019 • TPC01
0.6
0.4
0
10
20
30
0.2
1.6
1.4
35
5
15
25
45
125°C
25°C
–55°C
INPUT VOLTAGE (V)
0
0.8
1.0
1.2
40
LT1019 • TPC03
0.6
0.4
0
10
20
30
0.2
1.6
1.4
35
5
15
25
45
125°C
25°C
–55°C
Minimum Input/Output Voltage
Differential
Load Regulation
Ripple Rejection
INPUT/OUTPUT VOLTAGE (V)
0
0
2.5
7.5
10
0.4
0.8 1.0
1.8
LT1019 • TPC04
5.0
0.2
0.6
1.2 1.4 1.6
TJ = 25°C
TJ = –55°C
TJ = 125°C
OUTPUT CURENT (mA)
–10
1.0
2.0
6
LT1019 • TPC05
0
–1.0
–2.0
–6
–2
2
10
0.5
1.5
–0.5
–1.5
4
–8
–4
0
8
SINKING
SOURCING
TJ = 25°C
LT1019-10
LT1019-4.5/LT1019-5
LT1019-2.5
FREQUENCY (Hz)
60
70
90
110
120
10
1k
10k
1M
LT1019 • TPC06
50
100
100k
100
80
40
LT1019-10
LT1019-4.5
LT1019-5
LT1019-2.5
TJ = 25°C
Shunt Mode Characteristics
(LT1019-10)
Shunt Mode Characteristics
(LT1019-5)
Shunt Mode Characteristics
(LT1019-2.5)
OUTPUT-TO-GROUND VOLTAGE (V)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
1.0
2.0
2.5
LT1019 • TPC07
0.2
0.8
0.9
0.6
0.5
1.5
3.0
3.5
4.0
INPUT OPEN
TJ = 125°C
TJ = 25°C
TJ = –55°C
OUTPUT-TO-GROUND VOLTAGE (V)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
2
4
5
LT1019 • TPC08
0.2
0.8
0.9
0.6
13
6
7
8
INPUT OPEN
TJ = –55°C
TJ = 125°C
TJ = 25°C
INPUT VOLTAGE (V)
0
0.8
1.0
1.2
40
LT1019 • TPC02
0.6
0.4
0
10
20
30
0.2
1.6
1.4
35
5
15
25
45
125°C
25°C
–55°C
Quiescent Current
(LT1019-4.5/LT1019-5)
OUTPUT-TO-GROUND VOLTAGE (V)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
4
8
10
LT1019 • TPC09
0.2
0.8
0.9
0.6
26
12
14
16
INPUT OPEN
TJ = –55°C
TJ = 125°C
TJ = 25°C


Similar Part No. - LT1019-4.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1019 LINER-LT1019 Datasheet
156Kb / 12P
   Precision Reference
LT1019 LINER-LT1019 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
logo
Linear Integrated Syste...
LT1019 LINEAR-LT1019 Datasheet
105Kb / 8P
   2.5V Reference
logo
Linear Technology
LT1019 LINER-LT1019 Datasheet
165Kb / 12P
   Precision Reference
LT1019A-10 LINER-LT1019A-10 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LT1019-4.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com