Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63801-7600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63801-7600
Description  Mini-Mac for .100 Center Crimp Terminals 26-28 AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63801-7600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63801-7600 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63888-2200
Status:
Active
Description:
Mini-Mac™ for .100 Center Crimp Terminals 26-28 AWG
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
Mini-Cam™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Mini-Mac Applicator
UPC
883906935719
Physical
Net Weight
4842.961/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-638882200
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 12/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63801-7600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63801-7600 MOLEX11-63801-7600 Datasheet
50Kb / 1P
   FineAdjust for Female Terminal, 18-24 AWG Wire
63801-7600 MOLEX11-63801-7600 Datasheet
49Kb / 1P
   FineAdjust Applicator for 3.96mm (.156) Pitch MarKK Crimp Terminal.
63801-7600 MOLEX11-63801-7600 Datasheet
42Kb / 1P
   Mini-Mac Applicator
63801-7600 MOLEX11-63801-7600 Datasheet
50Kb / 1P
   FineAdjust 1.25mm Pitch Crimp Terminal, 26-32 AWG
63801-7600 MOLEX11-63801-7600 Datasheet
64Kb / 1P
   Mini-Mac Applicator
More results

Similar Description - 63801-7600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638882200 MOLEX-0638882200 Datasheet
15Kb / 1P
   Mini-Mac for .100 Center Crimp Terminals 26-28 AWG
08/26/2022
63888-2200 MOLEX-63888-2200 Datasheet
315Kb / 5P
   Mini-Mac Applicator Mini ?쏫K??.100 Center Terminals
05-19-09s
ATS-638882200 MOLEX-ATS-638882200 Datasheet
315Kb / 5P
   Mini-Mac Applicator Mini “KK” .100 Center Terminals
05-19-09
63819-2500 MOLEX11-63819-2500 Datasheet
44Kb / 1P
   Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
63819-2600 MOLEX11-63819-2600 Datasheet
44Kb / 1P
   Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
63895-0400 MOLEX11-63895-0400 Datasheet
42Kb / 1P
   Mini-Mac Applicator for Crimp Terminals
ATS-638939000 MOLEX-ATS-638939000 Datasheet
202Kb / 5P
   Mini-Mac Applicator for Mini KK짰 Crimp Terminals
06-28-07
0638941200 MOLEX11-0638941200 Datasheet
32Kb / 1P
   Mini-Mac Applicator for Flat Blade Crimp Terminals, 20 AWG Double Crimp
0690372058 MOLEX-0690372058 Datasheet
37Kb / 1P
   Mini-Mac Tool Kit for 5263 Terminals, 22-28 AWG Wire
08/25/2022
63895-3400 MOLEX11-63895-3400 Datasheet
43Kb / 1P
   Mini-Mac Applicator for MX150L Crimp Terminals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com