Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63801-7300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63801-7300
Description  Mini-Mac Applicator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63801-7300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63801-7300 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/31/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63883-0300
Status:
Active
Description:
Mini-Mac™ Applicator
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic, Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
Mini-Mac™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Mini-Mac Applicator
UPC
822348744428
Physical
Net Weight
4847.672/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-638830300, TM-638800000, TM-638800000SP,
TM-640160065, TM-640160065CN, TM-640160065DE,
TM-640160065FR, TM-640160065IT,
TM-640160065JP, TM-640160065KR,
TM-640160065MY, TM-640160065PL,
TM-640160065RU, TM-640160065SK,
TM-640160065SP, TM-640160065TH,
TM-640160065TW, TM-640160065VN
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 03/31/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63801-7300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63801-7300 MOLEX11-63801-7300 Datasheet
68Kb / 1P
   TM-3000 and TM-4000 Press Adapter Kit for JAE Applicator
63801-7300 MOLEX11-63801-7300 Datasheet
50Kb / 1P
   FineAdjust for Male Terminal, 18-24 AWG Wire
63801-7300 MOLEX11-63801-7300 Datasheet
42Kb / 1P
   Mini-Mac Applicator
63801-7300 MOLEX11-63801-7300 Datasheet
50Kb / 1P
   FineAdjust Applicator for 1.25mm (.049) / 2.00mm (.078) Wire-to-Board Crimp Terminal
63801-7300 MOLEX11-63801-7300 Datasheet
64Kb / 1P
   Mini-Mac Applicator
More results

Similar Description - 63801-7300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63891-1000 MOLEX11-63891-1000 Datasheet
42Kb / 1P
   Mini-Mac Applicator
63891-4000 MOLEX11-63891-4000 Datasheet
42Kb / 1P
   Mini-Mac Applicator
0638810100 MOLEX11-0638810100 Datasheet
41Kb / 1P
   Mini-Mac Applicator
0638815600 MOLEX11-0638815600 Datasheet
30Kb / 1P
   Mini-Mac Applicator
0638851500 MOLEX11-0638851500 Datasheet
64Kb / 1P
   Mini-Mac Applicator
0638939000 MOLEX11-0638939000 Datasheet
35Kb / 1P
   Mini-Mac Applicator
0638944000 MOLEX11-0638944000 Datasheet
35Kb / 1P
   Mini-Mac Applicator
0638852500 MOLEX11-0638852500 Datasheet
64Kb / 1P
   Mini-Mac Applicator
0638850200 MOLEX11-0638850200 Datasheet
64Kb / 1P
   Mini-Mac Applicator
0638851000 MOLEX11-0638851000 Datasheet
64Kb / 1P
   Mini-Mac Applicator
0638851900 MOLEX11-0638851900 Datasheet
64Kb / 1P
   Mini-Mac Applicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com