Electronic Components Datasheet Search |
|
LT1015CN8 Datasheet(PDF) 1 Page - Linear Technology |
|
LT1015CN8 Datasheet(HTML) 1 Page - Linear Technology |
1 / 4 page 1 LT1015 s Response Time: 10ns s Setup Time for Latch: 2ns s Operates on Single 5V Supply s Dual Function in 8-Pin Package s No Input Slew Rate Requirement s Latch Function Included on Chip s True Differential Inputs The LT ® 1015 is a dual high speed comparator intended for line receiver and other general purpose fast comparator functions. It has 10ns response time, true differential inputs, TTL outputs and operates from a single 5V supply. A unique output stage design virtually eliminates power supply glitching during transitions. This greatly reduces instability and crosstalk problems in multiple line applica- tions. No minimum input slew rate is required as in previous TTL output comparators. The LT1015 has a true Latch pin for retaining output data. Setup time is 2ns, allowing the comparators to capture data much faster than the actual flowthrough response time. 8-pin miniDIP and ceramic packages allow high packing density. High Speed Dual Line Receiver FEATURES DESCRIPTION s High Speed Differential Line Receiver s Pulse Height/Width Discriminator s Timing and Delay Generators s Analog to Digital Interface APPLICATIONS , LTC and LT are registered trademarks of Linear Technology Corporation. TYPICAL APPLICATION – + – + 1/2 LT1015 1/2 LT1015 INPUT A INPUT B 5V CHANNEL A CHANNEL B DATA LATCHED ON POSITIVE EDGE CLOCK 1015 • TA01 – + 1/2 LT1015 1/2 LT1015 INPUT A REFERENCE INPUT INPUT B V+ OUTPUT A LATCH (BOTH SIDES) DEVICE ACTIVE WITH LATCH LOW. “OPEN” GOES TO HIGH STATE OUTPUT B 1015 • BD BLOCK DIAGRAM 2-Channel 20MHz Clocked Line Receiver |
Similar Part No. - LT1015CN8 |
|
Similar Description - LT1015CN8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |