Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS355RRG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS355RRG
Description  200mW High Speed SMD Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS355RRG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1SS355RRG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS355RRG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SS355RRG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Small Signal Product
- Fast switching device (trr<4.0ns)
- Surface Mount Device Type
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
MECHANICAL DATA
- Case: Flat lead SOD-323F small outline plastic package
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260°C/10s
- Polarity: Indicated by cathode band
- Weight: 6 ± 0.5mg
- Marking code: S4
SYMBOL
UNIT
PD
mW
VRRM
V
VR
V
VBR
V
IF
mA
IO
mA
IFSM
mA
IR
nA
VF
V
Cj
pF
TOPR
oC
TSTG
oC
Note : These ratings are limiting values above which the serviceability of the diode may be impaired
Document Number: DS_S1412036
Version: B14
Forward Current
Minimum Breakdown Voltage at IR = 100μA
Reverse Voltage
Repetitive Peak Reverse Voltage
Power Dissipation
4
- 65 to +150
- 65 to +150
Storage Temperature Range
OperatingTemperature Range
Maximum Junction Capacitance at VR = 0.5V, f = 1MHz
1.2
trr
4ns
Maximum Reverse Recovery Time
at IF = 10mA, VR = 6V, RL = 100 Ohms
Maximum Forward Voltage at IF = 100mA
150
500
100
Maximum Reverse Leakage Current at VR = 80V
Repetitive Peak Forward Voltage
Continue Forward Current
90
80
80
250
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
200
1SS355
Taiwan Semiconductor
200mW High Speed SMD Switching Diode
FEATURES
SOD-323F


Similar Part No. - 1SS355RRG

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS355 ROHM-1SS355 Datasheet
61Kb / 2P
   Silicon Epitaxial Planar High-Speed Switching Diodes
logo
GUANGDONG HOTTECH INDUS...
1SS355 HOTTECH-1SS355 Datasheet
337Kb / 2P
   Plastic-Encapsulate Diodes
logo
Shenzhen Luguang Electr...
1SS355 LUGUANG-1SS355 Datasheet
1Mb / 2P
   0.2W Fast Switching Diodes
logo
Rectron Semiconductor
1SS355 RECTRON-1SS355 Datasheet
97Kb / 3P
   FAST SWITCHING DIODE VOLTAGE 80 Volts CURRENT 150 mAmperes
logo
Unisonic Technologies
1SS355 UTC-1SS355 Datasheet
134Kb / 3P
   SWITCHING DIODE
More results

Similar Description - 1SS355RRG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
   200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
   200mW, SMD High Speed Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
   200mW High Speed SMD Switching Diode
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
   200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
   200mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
   200mW High-Speed Switching SMD Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
   200mW, High-speed switching SMD Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX_13 Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com