Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC692 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC692
Description  Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC692 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC692_15 Datasheet HTML 6Page - Linear Technology LTC692_15 Datasheet HTML 7Page - Linear Technology LTC692_15 Datasheet HTML 8Page - Linear Technology LTC692_15 Datasheet HTML 9Page - Linear Technology LTC692_15 Datasheet HTML 10Page - Linear Technology LTC692_15 Datasheet HTML 11Page - Linear Technology LTC692_15 Datasheet HTML 12Page - Linear Technology LTC692_15 Datasheet HTML 13Page - Linear Technology LTC692_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC692/LTC693
10
0692fb
The LTC692/LTC693 are protected for safe area operation
with a short-circuit limit. Output current is limited to ap-
proximately 200mA. If the device is overloaded for long
periods of time, thermal shutdown turns the power switch
off until the device cools down. The threshold temperature
for thermal shutdown is approximately 155°C with about
10°C of hysteresis which prevents the device from oscil-
lating in and out of shutdown.
The PNP switch used in competitive devices was not chosen
for the internal power switch because it injects unwanted
current into the substrate. This current is collected by the
VBATT pin in competitive devices and adds to the charging
current of the battery which can damage lithium batteries.
The LTC692/LTC693 use a charge-pumped NMOS power
switch to eliminate unwanted charging current while
achieving low dropout and low supply current. Since no
current goes to the substrate, the current collected by the
VBATT pin is strictly junction leakage.
A 125Ω PMOS switch connects the VBATT input to VOUT in
battery backup mode. The switch is designed for very low
dropout voltage (input-to-output differential). This feature
is advantageous for low current applications such as bat-
tery backup in CMOS RAM and other low power CMOS
circuitry. The supply current in battery backup mode is
1μA maximum.
The operating voltage at the VBATT pin ranges from 2.0V to
4.0V. High value capacitors, such as electrolytic or farad-
size double layer capacitors, can be used for short-term
memory backup instead of a battery. The charging resistor
for the rechargeable batteries should be connected to VOUT
since this eliminates the discharge path that exists when
the resistor is connected to VCC (Figure 3).
Replacing the Backup Battery
When changing the backup battery with system power on,
spurious resets can occur while the battery is removed
due to battery standby current. Although battery standby
current is only a tiny leakage current, it can still charge up
the stray capacitance on the VBATT pin. The oscillation cycle
is as follows: When VBATT reaches within 50mV of VCC,
the LTC692/LTC693 switch to battery backup. VOUT pulls
VBATT low and the devices go back to normal operation.
The leakage current then charges up the VBATT pin again
and the cycle repeats.
If spurious resets during battery replacement pose no
problems, then no action is required. Otherwise, a resistor
from VBATT to GND will hold the pin low while changing
the battery. For example, the battery standby current is
1μA maximum over temperature and the external resistor
required to hold VBATT below VCC is:
R
V
– 50mV
1A
CC
μ
With VCC = 4.25V, a 3.9M resistor will work. With a 3V
battery, this resistor will draw only 0.77μA from the bat-
tery, which is negligible in most cases.
APPLICATIONS INFORMATION
5V
3V
0.1μF
0.1μF
VBATT
VCC
LTC693
VOUT
GND
4
3
1
2
5
ANY PNP POWER TRANSISTOR
692_3 • F02
BATT ON
5V
3V
0.1μF
0.1μF
692_3 • F03
VOUT – VBATT
R
I =
R
VBATT
VCC
LTC692
LTC693
VOUT
GND
Figure 2. Using BATT ON to Drive External PNP Transistor
Figure 3. Charging External Battery Through VOUT


Similar Part No. - LTC692_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC692C LINER-LTC692C Datasheet
308Kb / 16P
   Microprocessor Supervisory Circuits
LTC692CN8 LINER-LTC692CN8 Datasheet
308Kb / 16P
   Microprocessor Supervisory Circuits
LTC692CN8-PBF LINER-LTC692CN8-PBF Datasheet
197Kb / 20P
   Microprocessor Supervisory Circuits
LTC692CN8-TRPBF LINER-LTC692CN8-TRPBF Datasheet
197Kb / 20P
   Microprocessor Supervisory Circuits
LTC692CS8 LINER-LTC692CS8 Datasheet
308Kb / 16P
   Microprocessor Supervisory Circuits
More results

Similar Description - LTC692_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com