Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1533 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1533
Description  Ultralow Noise 1A Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1533 Datasheet(HTML) 5 Page - Linear Technology

  LT1533_15 Datasheet HTML 1Page - Linear Technology LT1533_15 Datasheet HTML 2Page - Linear Technology LT1533_15 Datasheet HTML 3Page - Linear Technology LT1533_15 Datasheet HTML 4Page - Linear Technology LT1533_15 Datasheet HTML 5Page - Linear Technology LT1533_15 Datasheet HTML 6Page - Linear Technology LT1533_15 Datasheet HTML 7Page - Linear Technology LT1533_15 Datasheet HTML 8Page - Linear Technology LT1533_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1533
PIN FUNCTIONS
GND (Pin 9): Signal Ground. The internal error amplifier,
negative feedback amplifier, oscillator, slew control cir-
cuitry and the bandgap reference are referred to this
ground. Keep the connection to the feedback divider and
VC compensation network free of large ground currents.
VC (Pin 10): The compensation pin is used for frequency
compensation and current limiting. It is the output of the
error amplifier and the input of the current comparator.
Loop frequency compensation can be performed with an
RC network connected from the VC pin to ground.
SHDN (Pin 11): The shutdown pin is used for disabling the
switcher. Grounding this pin will disable all internal cir-
cuitry. Normally this output can be tied high (to VIN) or may
be left floating.
RCSL (Pin 12): A resistor to ground sets the current slew
rate for the collectors A and B. The minimum resistor value
is 3.9k and the maximum value is 68k. Current slew will be
approximately:
ISLEW(A/µs) = 33/RCSL(kΩ)
RVSL (Pin 13): A resistor to ground sets the voltage slew
rate for the collectors A and B. The minimum resistor value
is 3.9k and the maximum value is 68k. Voltage slew will be
approximately:
VSLEW(V/µs) = 220/RVSL(kΩ)
VIN (Pin 14): Input Supply Pin. Bypass this pin with a
≥ 4.7µF low ESR capacitor. When VIN is below 2.55V the
part will go into undervoltage lockout where it will stop
output switching and pull the VC pin low.
PGND (Pin 16): Power Switch Ground. This ground comes
from the emitters of the power switches. In normal opera-
tion this pin should have approximately 25nH inductance
to ground. This can be done by trace inductance (approxi-
mately 1") or with wire or a specific inductive component.
This inductance ensures stability in the current slew
control loop during turn-off. Too much inductance (>50nH)
may produce oscillation on the output voltage slew edges.
COL A, COL B (Pins 2, 15): These are the output collectors
of the power switches. Their emitters return to PGND
through a common sense resistor. COL A and
COL B are alternately turned on out of phase. Large
currents flow into these pins so it is desirable to keep
external trace lengths short to minimize radiation. The
collectors can be tied together for simple boost applica-
tions.
DUTY (Pin 3): Tying the DUTY pin to ground will force the
outputs to switch with a 50% duty cycle. The DUTY pin
must float if not used.
SYNC (Pin 4): The SYNC pin can be used to synchronize
the oscillator to an external clock (see Oscillator Sync in
Applications Information section for more details). The
SYNC pin may either be floated or tied to ground if not
used.
CT (Pin 5): The oscillator capacitor pin is used in conjunc-
tion with RT to set the oscillator frequency. For RT = 16.9k,
CT(NF) = 129/fOSC(kHz)
RT (Pin 6): The oscillator resistor pin is used to set the
charge and discharge currents of the oscillator capacitor.
The nominal value is 16.9k. It is possible to adjust this
resistance
±25% to get a more accurate oscillator fre-
quency.
FB (Pin 7): The feedback pin is used for positive voltage
sensing and oscillator frequency shifting during start-up
and short-circuit conditions. It is the inverting input to the
error amplifier. The noninverting input of this amplifier
connects internally to a 1.25V reference. This pin should
be left open if not used.
NFB (Pin 8): The negative voltage feedback pin is used for
sensing a negative output voltage. The pin is connected to
the inverting input of the negative feedback amplifier
through a 100k source resistor. The negative feedback
amplifier provides a gain of – 0.5 to the feedback amplifier.
The nominal regulation point would be – 2.5V on NFB. This
pin should be left open if not used.


Similar Part No. - LT1533_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1533C LINER-LT1533C Datasheet
379Kb / 20P
   Ultralow Noise 1A Switching Regulator
LT1533CS LINER-LT1533CS Datasheet
379Kb / 20P
   Ultralow Noise 1A Switching Regulator
LT1533I LINER-LT1533I Datasheet
379Kb / 20P
   Ultralow Noise 1A Switching Regulator
LT1533IS LINER-LT1533IS Datasheet
379Kb / 20P
   Ultralow Noise 1A Switching Regulator
More results

Similar Description - LT1533_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1533 LINER-LT1533 Datasheet
379Kb / 20P
   Ultralow Noise 1A Switching Regulator
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
logo
Analog Devices
LTM8080 AD-LTM8080 Datasheet
2Mb / 28P
   40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
logo
Linear Technology
LT1534-1 LINER-LT1534-1_15 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1534 LINER-LT1534 Datasheet
222Kb / 16P
   Ultralow Noise 2A Switching Regulators
LT1534 LINER-LT1534_15 Datasheet
216Kb / 16P
   Ultralow Noise 2A Switching Regulators
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com