Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1529 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1529
Description  3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1529 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1529_15 Datasheet HTML 4Page - Linear Technology LT1529_15 Datasheet HTML 5Page - Linear Technology LT1529_15 Datasheet HTML 6Page - Linear Technology LT1529_15 Datasheet HTML 7Page - Linear Technology LT1529_15 Datasheet HTML 8Page - Linear Technology LT1529_15 Datasheet HTML 9Page - Linear Technology LT1529_15 Datasheet HTML 10Page - Linear Technology LT1529_15 Datasheet HTML 11Page - Linear Technology LT1529_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1529
LT1529-3.3/LT1529-5
152935fb
S
APPLICATI
I FOR ATIO
In some applications it may be necessary to leave the input
to the LT1529 unconnected when the output is held high.
This can happen when the LT1529 is powered from a
rectified AC source. If the AC source is removed, then the
input of the LT1529 is effectively left floating. The reverse
output current also follows the curve in Figure 3 if the VIN
pin is left open. The state of the SHDN pin will have no
effect on the reverse output current when the VIN pin is
floating.
When the input of the LT1529 is forced to a voltage below
its nominal output voltage and its output is held high, the
output current will follow the curve shown in Figure 3 . This
can happen if the input of the LT1529 is connected to a
discharged (low voltage) battery and the output is held up
by either a backup battery or by a second regulator circuit.
When the VIN pin is forced below the OUTPUT pin or the
OUTPUT pin is pulled above the VIN pin, the input current
will typically drop to less than 2µA (see Figure 4). The state
of the SHDN pin will have no effect on the reverse output
current when the output is pulled above the input.
INPUT VOLTAGE (V)
0
3
4
5
4
LT1529 • F04
2
1
0
1
2
3
5
LT1529-5
LT1529-3.3
VOUT = 3.3V (LT1529-3.3)
VOUT = 5V (LT1529-5)
Figure 4. Input Current
PACKAGE DESCRIPTIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of circuits as described herein will not infringe on existing patent rights.
Q Package
5-Lead Plastic DD Pak
(LTC DWG # 05-08-1461)
Q(DD5) 0502
.028 – .038
(0.711 – 0.965)
TYP
.143
+.012
–.020
()
3.632
+0.305
–0.508
.067
(1.702)
BSC
.013 – .023
(0.330 – 0.584)
.095 – .115
(2.413 – 2.921)
.004
+.008
–.004
()
0.102
+0.203
–0.102
.050 ± .012
(1.270 ± 0.305)
.059
(1.499)
TYP
.045 – .055
(1.143 – 1.397)
.165 – .180
(4.191 – 4.572)
.330 – .370
(8.382 – 9.398)
.060
(1.524)
TYP
.390 – .415
(9.906 – 10.541)
15° TYP
.325
.205
.080
.565
.090
RECOMMENDED SOLDER PAD LAYOUT
FOR THICKER SOLDER PASTE APPLICATIONS
.042
.067
.420
.276
.320
.420
.350
.565
.090
.042
.067
RECOMMENDED SOLDER PAD LAYOUT
NOTE:
1. DIMENSIONS IN INCH/(MILLIMETER)
2. DRAWING NOT TO SCALE
.300
(7.620)
.075
(1.905)
.183
(4.648)
.060
(1.524)
.060
(1.524)
.256
(6.502)
BOTTOM VIEW OF DD PAK
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK


Similar Part No. - LT1529_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1529-3.3 LINER-LT1529-3.3 Datasheet
139Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5 Datasheet
139Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529CQ LINER-LT1529CQ Datasheet
139Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results

Similar Description - LT1529_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1529 LINER-LT1529 Datasheet
139Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-5 LINER-LT1521-5_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com