Electronic Components Datasheet Search |
|
LT1336 Datasheet(PDF) 5 Page - Linear Technology |
|
LT1336 Datasheet(HTML) 5 Page - Linear Technology |
5 / 20 page LT1336 5 1336fa Typical perForMance characTerisTics DC + Dynamic Supply Current vs Input Frequency DC + Dynamic Supply Current vs Input Frequency Undervoltage Lockout (V+) Bottom Gate Fall Time vs Temperature Top or Bottom Input Pin Current vs Input Voltage Bottom Gate Rise Time vs Temperature Top or Bottom Input Pin Current vs Temperature Input Threshold Voltage vs Temperature Undervoltage Lockout (VBOOST) INPUT FREQUENCY (kHz) 1 60 50 40 30 20 10 0 10 100 1000 1336 G04 CGATE = 10000pF CGATE = 1000pF 50% DUTY CYCLE V+ = 12V CGATE = 3000pF TEMPERATURE (C) –50 100 13 12 11 10 9 8 7 6 5 4 1336 G05 0 –25 25 50 75 125 SHUTDOWN THRESHOLD START-UP THRESHOLD INPUT FREQUENCY (kHz) 1 60 50 40 30 20 10 0 10 100 1000 1336 G03 V+ = 20V 50% DUTY CYCLE CGATE = 3000pF V+ = 15V V+ = 10V TEMPERATURE (C) –50 100 2.0 1.8 1.6 1.4 1.2 1.0 0.8 1336 G07 0 –25 25 50 75 125 VLOW VHIGH V+ = 12V TEMPERATURE (C) –50 14 13 12 11 10 9 8 7 6 5 4 0 50 75 1336 G08 –25 25 100 125 V+ = 12V VIN = 4V TEMPERATURE (C) –50 100 13 12 11 10 9 8 7 6 5 4 1336 G06 0 –25 25 50 75 125 SHUTDOWN THRESHOLD START-UP THRESHOLD VTSOURCE = 60V TEMPERATURE (C) –50 100 230 210 190 170 150 130 110 90 70 50 1336 G10 0 –25 25 50 75 125 CLOAD = 10000pF CLOAD = 3000pF CLOAD = 1000pF V+ = 12V TEMPERATURE (C) –50 100 210 190 170 150 130 110 90 70 50 30 1336 G11 0 –25 25 50 75 125 CLOAD = 10000pF CLOAD = 3000pF V+ = 12V CLOAD = 1000pF INPUT VOLTAGE (V) 4 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 8 9 1336 G09 5 6 7 10 11 12 V+ = 12V |
Similar Part No. - LT1336_15 |
|
Similar Description - LT1336_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |