Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1004 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1004
Description  Micropower Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1004 Datasheet(HTML) 2 Page - Linear Technology

  LT1004 Datasheet HTML 1Page - Linear Technology LT1004 Datasheet HTML 2Page - Linear Technology LT1004 Datasheet HTML 3Page - Linear Technology LT1004 Datasheet HTML 4Page - Linear Technology LT1004 Datasheet HTML 5Page - Linear Technology LT1004 Datasheet HTML 6Page - Linear Technology LT1004 Datasheet HTML 7Page - Linear Technology LT1004 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1004
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
S8 PART MARKING
(Note 1)
ORDER PART
NUMBER
LT1004MH-1.2
LT1004MH-2.5
LT1004CH-1.2
LT1004CH-2.5
Reverse Breakdown Current ................................. 30mA
Forward Current................................................... 10mA
Operating Temperature Range
LT1004M ......................................... – 55
°C to 125°C
LT1004I ............................................. – 40
°C to 85°C
LT1004C ................................................. 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
TJMAX = 150°C
θJA = 440°C/ W
θJC = 80°C/ W
TJMAX = 100°C
θJA = 160°C/ W
LT1004CZ-1.2
LT1004CZ-2.5
LT1004IZ-1.2
LT1004IZ-2.5
TJMAX = 100°C, θJA = 150°C/ W
0412
0412I
0425
0425I
LT1004CS8-1.2
LT1004CS8-2.5
LT1004IS8-1.2
LT1004IS8-2.5
BOTTOM VIEW
12
H PACKAGE
2-LEAD TO-46 METAL CAN
BOTTOM VIEW
Z PACKAGE
3-LEAD PLASTIC TO-92
1
2
3
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
NC
NC
NC
GND
VOUT
NC
VOUT
NC (DO NOT USE)
ELECTRICAL CHARACTERISTICS (Note 2)
LT1004-1.2
LT1004-2.5
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VZ
Reverse Breakdown Voltage
IR = 100µA
1.231
1.235
1.239
2.480
2.500
2.520
V
LT1004M: – 55
°C ≤ TA ≤ 125°C
q
1.220
1.230
1.245
2.460
2.500
2.535
V
LT1004C: 0
°C ≤ TA ≤ 70°C
q
1.225
1.235
1.245
2.470
2.500
2.530
V
LT1004I: – 40
°C ≤ TA ≤ 85°C
q
1.220
1.230
1.245
2.460
2.500
2.530
V
∆VZ
Average Temperature Coefficient
IMIN ≤ IR ≤ 20mA (Note 3)
50
50
ppm/
°C
∆Temp
IMIN
Minimum Operating Current
q
810
12
20
µA
∆VZ
Reverse Breakdown Voltage
IMIN ≤ IR ≤ 1mA
1.0
1.0
mV
∆IR
Change with Current
q
1.5
1.5
mV
1mA
≤ IR ≤ 20mA
10
10
mV
q
20
20
mV
rZ
Reverse Dynamic Impedance
IR = 100µA
0.2
0.6
0.2
0.6
q
1.5
1.5
en
Wide Band Noise (RMS)
IR = 100µA
10Hz
≤ f ≤ 10kHz
60
120
µV
∆VZ
Long Term Stability
IR = 100µA
∆Time
TA = 25°C ± 0.1°C
20
20
ppm/kHr
The q denotes the specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All specifications are for TA = 25°C unless otherwise noted.
Note 3: Selected devices with guaranteed maximum temperature
coefficient are available upon request.
For MIL-STD components, please refer to LTC 883C data sheet for test
listing and parameters.


Similar Part No. - LT1004

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1004 LINER-LT1004 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Texas Instruments
LT1004-1.2 TI-LT1004-1.2 Datasheet
356Kb / 21P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
790Kb / 25P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
765Kb / 25P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results

Similar Description - LT1004

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com