Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4148
Description  500mW High Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4148 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4148 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4148 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4148 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4148 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Small Signal Product
(TA=25°C unless otherwise noted)
Document Number: DS_S1410004
Version: H14
1N4148/1N4448/1N914B
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage (V)
Fig.1 Typical Forward Characteristics
Ta=25°C
1
10
100
1000
10000
0
20
40
60
80
100
120
Reverse Voltage : VR
(v)
Fig. 2 Reverse Current VS. Reverse Voltage
100°C
70°C
50°C
Ta=25°C
0
100
200
300
400
500
0
25
50
75
100
125
150
175
200
Ambient Temperature (°C)
Fig. 3 Admissible Power Dissipation Curve
0
0.3
0.6
0.9
1.2
1.5
0
5
10
15
20
25
30
Reverse Voltage (V)
f=1.0 MHz
Fig. 4 Typical Junction Capacitance


Similar Part No. - 1N4148

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Micro Commercial Compon...
1N4148 MCC-1N4148 Datasheet
239Kb / 4P
   Metalurgically Bonded Construction Low Current Leakage High Reliability
logo
SEMTECH ELECTRONICS LTD...
1N4148 SEMTECH_ELEC-1N4148 Datasheet
256Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - 1N4148

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
1N4148 TSC-1N4148_10 Datasheet
228Kb / 3P
   500mW High Speed Switching Diode
1N914B TSC-1N914B Datasheet
102Kb / 2P
   500mW High Speed Switching Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX Datasheet
99Kb / 2P
   High Speed Switching Diode 500mW
1N4148W MCC-1N4148W Datasheet
94Kb / 2P
   High Speed Switching Diode 500mW
1N4148WX MCC-1N4148WX_11 Datasheet
165Kb / 3P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_09 Datasheet
104Kb / 2P
   500mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG_14 Datasheet
208Kb / 4P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_12 Datasheet
330Kb / 3P
   500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com