Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1002 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1002
Description  Dual, Matched Precision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1002_15 Datasheet HTML 7Page - Linear Technology LT1002_15 Datasheet HTML 8Page - Linear Technology LT1002_15 Datasheet HTML 9Page - Linear Technology LT1002_15 Datasheet HTML 10Page - Linear Technology LT1002_15 Datasheet HTML 11Page - Linear Technology LT1002_15 Datasheet HTML 12Page - Linear Technology LT1002_15 Datasheet HTML 13Page - Linear Technology LT1002_15 Datasheet HTML 14Page - Linear Technology LT1002_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1002
1002fb
APPLICATIONS INFORMATION
Precision
±10V Reference
3
LM129A
4
10
11
13
14
1k
12
6
7
5
1002 TA08
10k
0.1%
3.3k
1%
0.1%
10k
+
OUT 2
–10.000V
–15V
15V
OUT 1
10.000V
1/2
LT1002
+
1/2
LT1002
130k
5%
8.2k
1%
3.3k
1%
When the upper or lower limit is exceeded the LED lights
up. Positive feedback to one of the nulling terminals
creates 5 to 20
µV of hysteresis on both amplifiers. This
feedback changes the offset voltage of the LT1002 by less
than 5
µV. Therefore, the basic accuracy of the comparator
is limited only by the low offset voltage of the LT1002.
Dual Limit Microvolt Comparator
4
10
3
11
13
12
5
1
14
6
8
7
UPPER
LIMIT
INPUT
LOWER
LIMIT
1002 TA09
430k
1%
20k
5%
–15V
–15V
15V
FLV117
39.2
1%
15k
1%
39.2
1%
15k
1%
1k
5%
+
+
1/2
LT1002
1/2
LT1002
1/4 CA3118
430k
1%
1/4 CA3118
1/4 CA3118
1/4 CA3118
The LT1002 contributes less than 5% of the total drift with
temperature, noise and long term drift of the reference.
The accuracy of the –10V output is limited by the matching
of the two 10k resistors.


Similar Part No. - LT1002_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1002A LINER-LT1002A Datasheet
344Kb / 16P
   Dual, Matched Precision Operational Amplifier
LT1002AC LINER-LT1002AC Datasheet
344Kb / 16P
   Dual, Matched Precision Operational Amplifier
LT1002ACJ LINER-LT1002ACJ Datasheet
344Kb / 16P
   Dual, Matched Precision Operational Amplifier
LT1002ACN LINER-LT1002ACN Datasheet
344Kb / 16P
   Dual, Matched Precision Operational Amplifier
LT1002AM LINER-LT1002AM Datasheet
344Kb / 16P
   Dual, Matched Precision Operational Amplifier
More results

Similar Description - LT1002_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1002 LINER-LT1002 Datasheet
344Kb / 16P
   Dual, Matched Precision Operational Amplifier
logo
Analog Devices
OP10 AD-OP10_15 Datasheet
616Kb / 12P
   DUAL MATCHED INSTRUMENTATION OPERATIONAL AMPLIFIER
OP10AY AD-OP10AY Datasheet
478Kb / 12P
   Dual Matched Instrumentation Operational Amplifier
OP10CY AD-OP10CY Datasheet
478Kb / 12P
   Dual Matched Instrumentation Operational Amplifier
OP-10 AD-OP-10 Datasheet
612Kb / 12P
   DUAL MATCHED INSTRUMENTATION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
   Dual Precision Operational Amplifier
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
   Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
[Old version datasheet]   Dual Precision Operational Amplifier
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Precision Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
   Precision dual operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com