Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF36 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # SF36
Description  Super Fast Plastic Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF36 Datasheet(HTML) 3 Page - Leshan Radio Company

  SF36_15 Datasheet HTML 1Page - Leshan Radio Company SF36_15 Datasheet HTML 2Page - Leshan Radio Company SF36_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5.Package Dimensions in inches and (millmeters)
Min.
Max.
Min.
Max.
L
0.335
0.375
8.5
9.5
L1
1.0
-
25.4
-
ΦD
0.197
0.220
5.0
5.6
Φd
0.048
0.052
1.2
1.3
inches
mm
Note:
DO-201AD
molded plastic case
The marking band indicates the
cathode
Dimensions
L
Φd
ΦD
Package outline
LESHAN RADIO COMPANY, LTD.
3/3


Similar Part No. - SF36_15

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF36-T3 WTE-SF36-T3 Datasheet
47Kb / 3P
   3.0A SUPER-FAST RECTIFIER
SF36-T3 WTE-SF36-T3 Datasheet
52Kb / 4P
   3.0A SUPERFAST DIODE
SF36-TB WTE-SF36-TB Datasheet
47Kb / 3P
   3.0A SUPER-FAST RECTIFIER
SF36-TB WTE-SF36-TB Datasheet
52Kb / 4P
   3.0A SUPERFAST DIODE
logo
Micro Commercial Compon...
SF36G MCC-SF36G Datasheet
489Kb / 3P
   3 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
More results

Similar Description - SF36_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF34 LRC-SF34_15 Datasheet
195Kb / 7P
   Super Fast Plastic Rectifiers
SF33 LRC-SF33_15 Datasheet
195Kb / 7P
   Super Fast Plastic Rectifiers
SF32 LRC-SF32_15 Datasheet
195Kb / 7P
   Super Fast Plastic Rectifiers
SF35 LRC-SF35_15 Datasheet
195Kb / 7P
   Super Fast Plastic Rectifiers
logo
Cystech Electonics Corp...
MSR0860AF2 CYSTEKEC-MSR0860AF2 Datasheet
197Kb / 4P
   8Amp. Super fast Plastic Rectifiers
logo
First Components Intern...
SF21 FCI-SF21 Datasheet
162Kb / 2P
   2.0 Amp SUPER FAST PLASTIC RECTIFIERS
HER101 FCI-HER101 Datasheet
209Kb / 2P
   1.0 Amp SUPER FAST PLASTIC RECTIFIERS
HER301 FCI-HER301 Datasheet
158Kb / 2P
   3.0 Amp SUPER FAST PLASTIC RECTIFIERS
SF11 FCI-SF11 Datasheet
155Kb / 2P
   1.0 Amp SUPER FAST PLASTIC RECTIFIERS
SF31 FCI-SF31 Datasheet
159Kb / 2P
   3.0 Amp SUPER FAST PLASTIC RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com