Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-Q39C-41S-XX Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-Q39C-41S-XX
Description  9.90mm (0.39) Four digit and Over Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-Q39C-41S-XX Datasheet(HTML) 5 Page - BetLux Electronics

  BL-Q39C-41S-XX Datasheet HTML 1Page - BetLux Electronics BL-Q39C-41S-XX Datasheet HTML 2Page - BetLux Electronics BL-Q39C-41S-XX Datasheet HTML 3Page - BetLux Electronics BL-Q39C-41S-XX Datasheet HTML 4Page - BetLux Electronics BL-Q39C-41S-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED NUMERIC DISPLAY, 4 DIGIT
BL-Q39X-41
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
4.2g/pcs
Maximum
80pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-Q39C-41S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-Q39C-41S-00 BETLUX-BL-Q39C-41S-00 Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q39C-41S-01 BETLUX-BL-Q39C-41S-01 Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q39C-41S-02 BETLUX-BL-Q39C-41S-02 Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q39C-41S-03 BETLUX-BL-Q39C-41S-03 Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q39C-41S-04 BETLUX-BL-Q39C-41S-04 Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
More results

Similar Description - BL-Q39C-41S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-Q39G-41 BETLUX-BL-Q39G-41 Datasheet
322Kb / 5P
   9.90mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q39A-41 BETLUX-BL-Q39A-41 Datasheet
325Kb / 5P
   9.90mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q39I-41 BETLUX-BL-Q39I-41 Datasheet
322Kb / 5P
   9.90mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q39M-41 BETLUX-BL-Q39M-41 Datasheet
320Kb / 5P
   9.90mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q39K-41 BETLUX-BL-Q39K-41 Datasheet
320Kb / 5P
   9.90mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q39E-41 BETLUX-BL-Q39E-41 Datasheet
323Kb / 5P
   9.90mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q39C-42 BETLUX-BL-Q39C-42 Datasheet
322Kb / 5P
   10.00mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q39A-42 BETLUX-BL-Q39A-42 Datasheet
326Kb / 5P
   10.00mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q39A-44 BETLUX-BL-Q39A-44 Datasheet
322Kb / 5P
   10.00mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q39E-42 BETLUX-BL-Q39E-42 Datasheet
323Kb / 5P
   10.00mm (0.39) Four digit and Over Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com