Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4001G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4001G
Description  Glass Passivated Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4001G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4001G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4001G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4001G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4001G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.00
2.70
0.079
0.106
B
0.71
0.86
0.028
0.034
C
25.40
-
1.000
-
D
4.20
5.20
0.165
0.205
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW = Date Code
F =
Factory Code
Document Number: DS_D1405008
Version: M14
MARKING DIAGRAM
1N4001G thru 1N4007G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
1
10
100
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - 1N4001G

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
1N4001G DIOTECH-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
NXP Semiconductors
1N4001G PHILIPS-1N4001G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Leshan Radio Company
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
1N4001G LRC-1N4001G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
More results

Similar Description - 1N4001G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com