Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS116LPH4 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS116LPH4
Description  SURFACE MOUNT SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116LPH4 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS116LPH4_15 Datasheet HTML 1Page - Diodes Incorporated BAS116LPH4_15 Datasheet HTML 2Page - Diodes Incorporated BAS116LPH4_15 Datasheet HTML 3Page - Diodes Incorporated BAS116LPH4_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS116LPH4
Document number: DS35242 Rev. 5 - 2
1 of 4
www.diodes.com
November 2011
© Diodes Incorporated
BAS116LPH4
SURFACE MOUNT SWITCHING DIODE
Features
Fast Switching Speed
Ultra-Small Leadless Surface Mount Package (1.0*0.6mm)
Ultra-Low Profile Package (0.4mm)
Low Forward Voltage
Fast Reverse Recovery
Low Capacitance
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: X2-DFN1006-2
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Bar
Terminals: Finish - NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
Weight: 0.0009 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
BAS116LPH4-7B
X2-DFN1006-2
10,000/Tape & Reel
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3.
For packaging details, go to our website at http://www.diodes.com.
Marking Information
Bottom View
X2-DFN1006-2
5K = Product Type Marking Code
Bar Denotes Cathode Side
5K


Similar Part No. - BAS116LPH4_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116LPH4-7B DIODES-BAS116LPH4-7B Datasheet
97Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - BAS116LPH4_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com