Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA0040A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0040A
Description  SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0040A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0040A_15 Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA803
__ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Peak Inverse Voltage (per leg)
A = 50V
B = 100V
C = 200V
D = 300V
SDA803A thru SDA803D
HIGH RELIABILITY
20 AMP, 50 – 300 VOLTS
ULTRA FAST RECOVERY
SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
FEATURES:
Ultra Fast Reverse Recovery Time 50 ns Max
Average Output Current 20 Amps @ 55OC
Max. Thermal Resistance 4.0OC/Watt
Aluminum Case Provides Maximum Thermal
Conductivity
Hermetically Sealed Diode Cells
Turret Terminals
Available in Standard, Fast, and Hyper Fast
Versions
TX, TXV, and S-Level Screening Available
ELECTRICAL CHARACTERISTICS 3/
Part Number
Peak
Inverse
Voltage
(per leg)
Sine Wave
RMS
Input
Voltage
Max.
Reverse
4/
Recovery
Time
Average DC
Output Current
TC=Case Temp
Average DC Output
Current
TA= Ambient Temp
(no heat sink)
Peak
Forward
Surge
Current
(1 Cycle)
Peak
Repetitive
Forward
Current
Maximum
Forward
Voltage
(per leg) @
6 ADC
Maximum
Reverse Current
(per leg)
@ PIV
Symbol
PIV
Vr
Trr
IF (AV)
IF (AV)
IFSM
IFRM
VF
IR
Units
Volts
Volts
ns
Amps
Amps
Amps
Amps
Volts
μA
Conditions
Max
55
oC100oC
55
oC
100
oC
25
oC
100
oC
SDA803A
50
43.7
50
20
14
6.0
3.4
125
60
0.95
5
200
SDA803B
100
87.5
50
20
14
6.0
3.4
125
60
0.95
5
200
SDA803C
200
175
50
20
14
6.0
3.4
125
60
0.95
5
200
SDA803D
300
262
50
20
14
6.0
3.4
125
60
0.95
5
200
SDA803A thru SDA803D:
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: I
F = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0040A
DOC


Similar Part No. - RA0040A_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0040A SSDI-RA0040A Datasheet
113Kb / 1P
   SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - RA0040A_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0040A SSDI-RA0040A Datasheet
113Kb / 1P
   SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA174HF SSDI-SDA174HF Datasheet
73Kb / 2P
   Single Phase Bridge Rectifier Assembly
SDA172HF SSDI-SDA172HF Datasheet
74Kb / 2P
   Single Phase Bridge Rectifier Assembly
logo
Sensitron
SL1560FR SENSITRON-SL1560FR_07 Datasheet
51Kb / 3P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
logo
Solid States Devices, I...
SDA628 SSDI-SDA628_1 Datasheet
39Kb / 2P
   ULTRA FAST SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
logo
Sensitron
S469-01 SENSITRON-S469-01 Datasheet
156Kb / 2P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL1560FR SENSITRON-SL1560FR Datasheet
55Kb / 3P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
logo
Solid States Devices, I...
RA0004 SSDI-RA0004 Datasheet
72Kb / 2P
   SINGLE PHASE BRIDGE ASSEMBLY
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com