Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-Q30C-41Y-XX Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-Q30C-41Y-XX
Description  7.60mm (0.3)Four digit and Over Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-Q30C-41Y-XX Datasheet(HTML) 5 Page - BetLux Electronics

  BL-Q30C-41Y-XX Datasheet HTML 1Page - BetLux Electronics BL-Q30C-41Y-XX Datasheet HTML 2Page - BetLux Electronics BL-Q30C-41Y-XX Datasheet HTML 3Page - BetLux Electronics BL-Q30C-41Y-XX Datasheet HTML 4Page - BetLux Electronics BL-Q30C-41Y-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED NUMERIC DISPLAY, 4 DIGIT
BL-Q30X-41
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
3.1g/pcs
Maximum
112pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-Q30C-41Y-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-Q30C-41Y BETLUX-BL-Q30C-41Y Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q30C-41YO BETLUX-BL-Q30C-41YO Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
More results

Similar Description - BL-Q30C-41Y-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-Q30E-41 BETLUX-BL-Q30E-41 Datasheet
322Kb / 5P
   7.60mm (0.3)Four digit and Over Seven Segment LED display series
BL-Q30A-41 BETLUX-BL-Q30A-41 Datasheet
320Kb / 5P
   7.60mm (0.3)Four digit and Over Seven Segment LED display series
BL-Q30G-41 BETLUX-BL-Q30G-41 Datasheet
332Kb / 5P
   7.60mm (0.3)Four digit and Over Seven Segment LED display series
BL-Q30I-41 BETLUX-BL-Q30I-41 Datasheet
326Kb / 5P
   7.60mm (0.3)Four digit and Over Seven Segment LED display series
BL-Q30A-42 BETLUX-BL-Q30A-42 Datasheet
318Kb / 5P
   7.60mm (0.3)Four digit and Over Seven Segment LED display series
logo
BRIGHT LED ELECTRONICS ...
BQ-N332RD BRIGHT-BQ-N332RD Datasheet
267Kb / 3P
   7.60mm (0.3) high four digit seven segments display.
BQ-M335RD BRIGHT-BQ-M335RD Datasheet
311Kb / 3P
   7.60mm (0.3) high four digit seven segments display
logo
BetLux Electronics
BL-Q31A-41 BETLUX-BL-Q31A-41 Datasheet
317Kb / 5P
   8.00mm (0.31) Four digit and Over Seven Segment LED display series
BL-Q33A-42 BETLUX-BL-Q33A-42 Datasheet
322Kb / 5P
   8.38mm (0.33) Four digit and Over Seven Segment LED display series
BL-Q39C-41 BETLUX-BL-Q39C-41 Datasheet
319Kb / 5P
   9.90mm (0.39) Four digit and Over Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com