Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT13003E Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APT13003E
Description  465V NPN HIGH VOLTAGE POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APT13003E Datasheet(HTML) 4 Page - Diodes Incorporated

  APT13003E_15 Datasheet HTML 1Page - Diodes Incorporated APT13003E_15 Datasheet HTML 2Page - Diodes Incorporated APT13003E_15 Datasheet HTML 3Page - Diodes Incorporated APT13003E_15 Datasheet HTML 4Page - Diodes Incorporated APT13003E_15 Datasheet HTML 5Page - Diodes Incorporated APT13003E_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APT13003E
Datasheet Number: DS36304 Rev. 2 - 2
4 of 6
www.diodes.com
October 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
APT13003E
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Static Characteristics
DC Current Gain vs. Collector Current
Collector-emitter Saturation Voltage
Base-emitter Saturation Voltage
hFE vs. Case Temperature
0
1
2
3
4
5
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
I
B
=400mA
I
B
=300mA
I
B
=250mA
I
B
=200mA
I
B
=150mA
I
B
=100mA
I
B
=50mA
Collector-emitter Voltage V
CE
(V)
0.01
0.1
1
0
5
10
15
20
25
30
35
40
T
A
=25
oC
T
A
=125
oC
Collector Current I
C
(A)
V
CE
=5V
V
CE
=1V
0.1
1
0.01
0.1
1
10
T
J
=125
oC
Collector Current I
C
(A)
h
FE
=5
T
J
=25
oC
0.1
1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
T
J
=125
oC
Collector Current I
C
(A)
h
FE
=5
T
J
=25
oC
25
50
75
100
125
150
10
12
14
16
18
20
V
CE
=2V, I
C
=0.5A
Case Temperature (
oC)


Similar Part No. - APT13003E_15

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APT13003E BCDSEMI-APT13003E_11 Datasheet
654Kb / 9P
   HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - APT13003E_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APT13003H DIODES-APT13003H Datasheet
407Kb / 6P
   465V NPN HIGH VOLTAGE POWER TRANSISTOR
February 2020 Rev. 3 - 2
APT13003H DIODES-APT13003H_15 Datasheet
366Kb / 6P
   465V NPN HIGH VOLTAGE POWER TRANSISTOR
logo
STMicroelectronics
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
   High voltage NPN power transistor
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
   High Voltage NPN Power Transistor
logo
STMicroelectronics
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
   HIGH VOLTAGE NPN POWER TRANSISTOR
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
   NPN high voltage Power transistor
February 1999 Rev 1.000
logo
Cystech Electonics Corp...
TIP50I3 CYSTEKEC-TIP50I3 Datasheet
269Kb / 6P
   High Voltage NPN Power Transistor
logo
STMicroelectronics
STD616A-1 STMICROELECTRONICS-STD616A-1 Datasheet
42Kb / 5P
   HIGH VOLTAGE NPN POWER TRANSISTOR
BUXD87 STMICROELECTRONICS-BUXD87 Datasheet
202Kb / 6P
   HIGH VOLTAGE NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com