Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM0005 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0005
Description  MULTIPLIER RECTIFIER STACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0005 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0005_15 Datasheet HTML 1Page - Solid States Devices, Inc PM0005_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SDA475-02
FEATURES:
DATA SHEET #: PM0005A
3 AMP/18,000 VOLTS
HIGH VOLTAGE
MULTIPLIER RECTIFIER STACK
DESIGNER'S DATA SHEET
14005 Stage Road
*
Santa Fe Springs, Ca 90670
Phone: (562) 404-4474
*
Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
ASPM
• Aerospace High Voltage Power Supply Applications.
• High Blocking Voltage - 18kV minimum.
• Low Mechanical Stress Design.
• Excellent Thermal Management - 2.5oC/W.
• TX, TXV, and Space Level Screening Available.
• Consult Factory for:
• Higher Blocking Voltages;
• Faster Switching Speeds;
• Other Electrical Configurations.
MAXIMUM RATINGS
Peak Repetitive Reverse and DC Blocking Voltage
(each rectifier)
Volts
CHARACTERISTIC
SYMBOL
VALUE
UNIT
ELECTRICAL SCHEMATIC
VRM
VRWM
VR
6,000
Peak Surge Current
(Non-repetitive, t = 8.3 ms Pulse, TA = 25
oC)
Amps
25
IFSM
Storage Temperature Range
-65 TO +150
TSTG
Operating Temperature Range
oC
TOP
Thermal Resistance, Junction to Base
oC/W
1JB
oC
-65 TO +150
Average Rectified Forward Current
(Non-repetitive, t = 8.3 ms Pulse)
Amps
IO
3
2.5


Similar Part No. - PM0005_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0005 SSDI-PM0005 Datasheet
66Kb / 2P
   MULTIPLIER RECTIFIER STACK
More results

Similar Description - PM0005_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0005 SSDI-PM0005 Datasheet
66Kb / 2P
   MULTIPLIER RECTIFIER STACK
SDA475-02 SSDI-SDA475-02 Datasheet
65Kb / 2P
   3 AMP/18,000 VOLTS HIGH VOLTAGE MULTIPLIER RECTIFIER STACK
PM0023E SSDI-PM0023E_15 Datasheet
57Kb / 2P
   RECTIFIER BRIDGE STACK
logo
Toshiba Semiconductor
25J4B41 TOSHIBA-25J4B41 Datasheet
193Kb / 1P
   RECTIFIER STACK (BRIDGE)
logo
Solid States Devices, I...
PM0015C SSDI-PM0015C Datasheet
56Kb / 2P
   RECTIFIER BRIDGE STACK
PM0016B SSDI-PM0016B Datasheet
141Kb / 2P
   RECTIFIER BRIDGE STACK
PM0031C SSDI-PM0031C_15 Datasheet
136Kb / 2P
   RECTIFIER BRIDGE STACK
PM0023E SSDI-PM0023E Datasheet
57Kb / 2P
   RECTIFIER BRIDGE STACK
PM0026A SSDI-PM0026A Datasheet
115Kb / 2P
   RECTIFIER BRIDGE STACK
PM0015C SSDI-PM0015C_15 Datasheet
56Kb / 2P
   RECTIFIER BRIDGE STACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com