Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS20N3LLH6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STS20N3LLH6
Description  Low gate drive power losses
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS20N3LLH6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STS20N3LLH6 Datasheet HTML 5Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 6Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 7Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 8Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 9Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 10Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 11Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 12Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STS20N3LLH6
Package mechanical data
Doc ID 15528 Rev 2
11/13
DIM.
mm.
min.
typ
max.
A
1.75
A1
0.10
0.25
A2
1.25
b
0.28
0.48
c
0.17
0.23
D4.804.905.00
E5.806.006.20
E1
3.80
3.904.00
e1.27
h
0.25
0.50
L
0.40
1.27
L1
1.04
k0o
8o
SO-8 mechanical data
0016023_D
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STS20N3LLH6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STS20NHS3LL ETC1-STS20NHS3LL Datasheet
428Kb / 9P
   N-CHANNEL 30 V - 0.0032 廓 - 20 A SO-8 STripFET?줚II MOSFET PLUS MONOLITHIC SCHOTTKY
logo
STMicroelectronics
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL Datasheet
305Kb / 12P
   N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL_07 Datasheet
305Kb / 12P
   N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
More results

Similar Description - STS20N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL13DP10F6 STMICROELECTRONICS-STL13DP10F6 Datasheet
592Kb / 14P
   Low gate drive power losses
May 2014 Rev 2
STD35N3LH5 STMICROELECTRONICS-STD35N3LH5 Datasheet
872Kb / 15P
   Low gate drive power losses
May 2011 Rev 2
STS3P6F6 STMICROELECTRONICS-STS3P6F6 Datasheet
933Kb / 16P
   Low gate drive power losses
July 2014 Rev 2
STP105N3LL STMICROELECTRONICS-STP105N3LL Datasheet
819Kb / 13P
   Low gate drive power losses
April 2014 Rev 2
STT6N3LLH6 STMICROELECTRONICS-STT6N3LLH6 Datasheet
1Mb / 12P
   Low gate drive power losses
March 2014 Rev 3
STR2N2VH5 STMICROELECTRONICS-STR2N2VH5 Datasheet
882Kb / 13P
   Low gate drive power loss
July 2014 Rev 4
logo
Advanced Power Electron...
AP2531GY-HF A-POWER-AP2531GY-HF_14 Datasheet
125Kb / 7P
   Low Gate Charge Drive
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
Vishay Siliconix
V10P45S-M3 VISHAY-V10P45S-M3 Datasheet
90Kb / 5P
   Low forward voltage drop, low power losses
Revision: 28-Nov-13
V15P8-M3 VISHAY-V15P8-M3 Datasheet
97Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com