Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS12N3LLH5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STS12N3LLH5
Description  This device is an N-channel Power
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS12N3LLH5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STS12N3LLH5 Datasheet HTML 4Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 5Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 6Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 7Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 8Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 9Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 10Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 11Page - STMicroelectronics STS12N3LLH5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Test circuits
STS12N3LLH5
8/13
Doc ID 17152 Rev 3
3
Test circuits
Figure 13.
Switching times test circuit for
resistive load
Figure 14.
Gate charge test circuit
Figure 15.
Test circuit for inductive load
switching and diode recovery times
Figure 16.
Unclamped inductive load test
circuit
Figure 17.
Unclamped inductive waveform
Figure 18.
Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Similar Part No. - STS12N3LLH5

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STS12N3LLH5 DOINGTER-STS12N3LLH5 Datasheet
920Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STS12N3LLH5

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
ESDPSA0603V05 DGNJDZ-ESDPSA0603V05 Datasheet
1Mb / 5P
   this device is an ultra low capacitance
ESDCSA0402V05 DGNJDZ-ESDCSA0402V05 Datasheet
344Kb / 5P
   This device is an ultra low capacitance
logo
ams AG
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
   The device is an advanced proximity sensor
logo
Sangdest Microelectroni...
82CNQ030 SMC-82CNQ030 Datasheet
226Kb / 5P
   This is a Pb ??Free Device
401CNQ SMC-401CNQ Datasheet
201Kb / 4P
   This is a Pb ??Free Device
logo
List of Unclassifed Man...
FHP20N50 ETC-FHP20N50 Datasheet
480Kb / 7P
   20N50 is an N-channel enhancement mode high voltage power MOS field
logo
Guangdong Youtai Semico...
LM317 UMW-LM317 Datasheet
1Mb / 7P
   This monolithic integrated circuit is an adjustable 3-terminal
LM217 UMW-LM217 Datasheet
742Kb / 6P
   This monolithic integrated circuit is an adjustable 3-terminal
logo
STMicroelectronics
AN1736 STMICROELECTRONICS-AN1736 Datasheet
717Kb / 20P
   This is an off-line wide range VIPer22A dual outputs power supply
logo
Guangdong Youtai Semico...
LM217MDT UMW-LM217MDT Datasheet
679Kb / 6P
   This monolithic integrated circuit is an adjustable 3-terminal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com