Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACH210-20JC Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # MACH210-20JC
Description  High-Density EE CMOS Programmable Logic
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACH210-20JC Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button MACH210-20JC Datasheet HTML 7Page - Lattice Semiconductor MACH210-20JC Datasheet HTML 8Page - Lattice Semiconductor MACH210-20JC Datasheet HTML 9Page - Lattice Semiconductor MACH210-20JC Datasheet HTML 10Page - Lattice Semiconductor MACH210-20JC Datasheet HTML 11Page - Lattice Semiconductor MACH210-20JC Datasheet HTML 12Page - Lattice Semiconductor MACH210-20JC Datasheet HTML 13Page - Lattice Semiconductor MACH210-20JC Datasheet HTML 14Page - Lattice Semiconductor MACH210-20JC Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
11
MACH210A-7 (Com’l)
CAPACITANCE (Note 1)
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V, TA = 25
°C,
6
pF
COUT
Output Capacitance
VOUT = 2.0 V
f = 1 MHz
8
pF
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
Parameter
Symbol
Parameter Description
Min
Max
Unit
tPD
Input, I/O, or Feedback to Combinatorial Output
7.5
ns
tS
Setup Time from Input, I/O or Feedback to Clock
D-Type
5.5
ns
T-Type
6.5
ns
tH
Register Data Hold Time
0
ns
tCO
Clock to Output
5ns
tWL
Clock Width
LOW
3
ns
tWH
HIGH
3
ns
D-Type
100
MHz
T-Type
91
MHz
fMAX
D-Type
133
MHz
T-Type
125
MHz
166.7
MHz
tSL
Setup Time from Input, I/O, or Feedback to Gate
5.5
ns
tHL
Latch Data Hold Time
0
ns
tGO
Gate to Output
6ns
tGWL
Gate Width LOW
3
ns
tPDL
Input, I/O, or Feedback to Output Through
9.5
ns
Transparent Input or Output Latch
tSIR
Input Register Setup Time
2
ns
tHIR
Input Register Hold Time
2
ns
tICO
Input Register Clock to Combinatorial Output
11
ns
tICS
Input Register Clock to Output Register Setup
D-Type
9
ns
T-Type
10
ns
tWICL
Input Register Clock Width
LOW
3
ns
tWICH
HIGH
3
ns
fMAXIR
Maximum Input Register Frequency
166.7
MHz
tSIL
Input Latch Setup Time
2
ns
tHIL
Input Latch Hold Time
2
ns
tIGO
Input Latch Gate to Combinatorial Output
12
ns
tIGOL
Input Latch Gate to Output Through Transparent Output Latch
14
ns
tSLL
Setup Time from Input, I/O, or Feedback Through
7.5
ns
Transparent Input Latch to Output Latch Gate
Maximum
Frequency
External Feedback
Internal Feedback (fCNT)
No Feedback
-7


Similar Part No. - MACH210-20JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH210-20 AMD-MACH210-20 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH210-20JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH220-10 LATTICE-MACH220-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH211SP-7 AMD-MACH211SP-7 Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH110-12 LATTICE-MACH110-12 Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH130-15 LATTICE-MACH130-15 Datasheet
194Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH215-12 LATTICE-MACH215-12 Datasheet
245Kb / 30P
   High-Density EE CMOS Programmable Logic
MACHLV210-12 LATTICE-MACHLV210-12 Datasheet
221Kb / 29P
   High Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com