Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPGDX80A-5T100 Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # ISPGDX80A-5T100
Description  In-System Programmable Generic Digital CrosspointTM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDX80A-5T100 Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button ISPGDX80A-5T100 Datasheet HTML 3Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 4Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 5Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 6Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 7Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 8Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 9Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 10Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Specifications ispGDX Family
Switching Test Conditions
Output Load Conditions
TEST CONDITION
R1
R2
CL
A
160
90
35pF
B
90
35pF
160
90
35pF
Active High
Active Low
C
160
90
5pF
90
5pF
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2 - 0004A
Output Low Voltage
Output High Voltage
Input or I/O Low Leakage Current
Input or I/O High Leakage Current
ispEN Input Low Leakage Current
I/O Active Pull-Up Current
Output Short Circuit Current
Quiescent Power Supply Current
Dynamic Power Supply Current
per Input Switching
V
V
µA
µA
µA
µA
mA
mA
mA/MHz
I
OL =24 mA
I
OH =-24 mA
0V
≤ V
IN ≤ VIL (MAX.)
3.5V
≤ V
IN ≤ VCC
0V
≤ V
IN ≤ VIL (MAX.)
0V
≤ V
IN ≤ VIL
V
CC = 5V, VOUT = 0.5V, TA = 25˚C
V
IL = 0.5V, VIH = VCC
One input toggling @ 50% duty cycle,
outputs open.
VOL
VOH
IIL
IIH
IIL-isp
IIL-PU
IOS1
ICCQ
ICC
25
See
Note 3
2.4
-100
1. One output at a time for a maximum duration of one second. V
= 0.5V was selected to avoid test problems by tester ground
degradation. Characterized but not 100% tested.
2. Typical values are at V
= 5V and T = 25
oC.
3. I
/ MHz = (0.0114 x I/O cell fanout) + 0.06
e.g. An input driving four I/O cells at 40 MHz results in a dynamic I
of approximately ((0.0114 x 4) + 0.06) x 40 = 4.2 mA.
SYMBOL
MIN.
MAX.
TYP.2
PARAMETER
CONDITION
UNITS
0.55
-10
10
-150
-150
-250
40
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Time
≤ 1.5ns 10% to 90%
Input Timing Reference Levels
1.5V
Output Timing Reference Levels
1.5V
Output Load
See figure at right
3-state levels are measured 0.5V from steady-state
active level.
CC
A
OUT
DC Electrical Characteristics
Over Recommended Operating Conditions
+ 5V
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
CC
CC


Similar Part No. - ISPGDX80A-5T100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX80A-5T100 LATTICE-ISPGDX80A-5T100 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
More results

Similar Description - ISPGDX80A-5T100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
logo
Sonardyne sound in dept...
7971 SONARDYNE-7971 Datasheet
115Kb / 2P
   Programmable Generic Transponder (PGT)
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com