Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACH220-10JC Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # MACH220-10JC
Description  High-Density EE CMOS Programmable Logic
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACH220-10JC Datasheet(HTML) 5 Page - Lattice Semiconductor

  MACH220-10JC Datasheet HTML 1Page - Lattice Semiconductor MACH220-10JC Datasheet HTML 2Page - Lattice Semiconductor MACH220-10JC Datasheet HTML 3Page - Lattice Semiconductor MACH220-10JC Datasheet HTML 4Page - Lattice Semiconductor MACH220-10JC Datasheet HTML 5Page - Lattice Semiconductor MACH220-10JC Datasheet HTML 6Page - Lattice Semiconductor MACH220-10JC Datasheet HTML 7Page - Lattice Semiconductor MACH220-10JC Datasheet HTML 8Page - Lattice Semiconductor MACH220-10JC Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
MACH220-14/18/24 (Ind)
ORDERING INFORMATION
Industrial Products
Valid Combinations
The Valid Combinations table lists configurations
planned to be supported in volume for this device.
Consult your local sales office to confirm availability
of specific valid combinations and to check on newly
released combinations.
Programmable logic products for industrial applications are available with several ordering options. The order number (Valid
Combination) is formed by a combination of:
OPERATING CONDITIONS
I = Industrial (–40
°C to +85°C)
FAMILY TYPE
MACH = Macro Array CMOS High-Speed
SPEED
-14 = 14.5 ns tPD
-18 = 18 ns tPD
-24 = 24 ns tPD
MACH220-14
MACH220-18
MACH220-24
MACH
-14
J
I
Valid Combinations
OPTIONAL PROCESSING
Blank = Standard Processing
220
DEVICE NUMBER
220 = 96 Macrocells, 68 Pins
PACKAGE TYPE
J = 68-Pin Plastic Leaded
Chip Carrier (PL 068)
JI


Similar Part No. - MACH220-10JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH220-10JC AMD-MACH220-10JC Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH220-10JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH211SP-7 AMD-MACH211SP-7 Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH110-12 LATTICE-MACH110-12 Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH130-15 LATTICE-MACH130-15 Datasheet
194Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH215-12 LATTICE-MACH215-12 Datasheet
245Kb / 30P
   High-Density EE CMOS Programmable Logic
MACHLV210-12 LATTICE-MACHLV210-12 Datasheet
221Kb / 29P
   High Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com